Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM2886 Datasheet (PDF) - Analog Devices

LTM2886 Datasheet PDF - Analog Devices
Part # LTM2886
Download  LTM2886 Download
File Size   1980.11 Kbytes
Page   38 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SPI/Digital or I²C μModule Isolator with Fixed ±5V and Adjustable 5V Regulated Power

LTM2886 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM2886 Datasheet PDF - Analog Devices

Part # LTM2886
Download  LTM2886 Click to download

File Size   1980.11 Kbytes
Page   38 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SPI/Digital or I²C μModule Isolator with Fixed ±5V and Adjustable 5V Regulated Power

LTM2886 Datasheet (HTML) - Analog Devices


LTM2886 Product details

FEATURES
6-Channel Logic Isolator: 2500VRMS for 1 Minute
UL-CSA Recognized File #E151738
Isolated DC Power:
3V to 5V Adjustable at Up to 100mA
±5V Fixed at Up to 100mA
No External Components Required
SPI/Digital (LTM2886-S) or I2C (LTM2886-I) Options
High Commo Mode Transient Immunity: 30kV/μs
High Speed Operation:
10MHz Digital Isolation
4MHz/8MHz SPI Isolation
400kHz I2C Isolation
3.3V (LTM2886-3) or 5V (LTM2886-5) Operation
1.62V to 5.5V (LTM3886-S) or 3V to 5.5V
(LTM2886-I) Logic Supply
±10kV ESD HBM Across the Isolatio Barrier
Maximum Continuous Working Voltage: 560VPEAK
Low Current Shutdow Mode (<10μA)
Low Profile (15mm × 11.25mm × 3.42mm) BGA Package




Similar Part No. - LTM2886

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2886 LINER-LTM2886 Datasheet
999Kb / 38P
SPI/Digital or I2C 關Module Isolator with Fixed 짹5V and Adjustable 5V Regulated Power
logo
Analog Devices
LTM2886 AD-LTM2886 Datasheet
1Mb / 30P
7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
Rev. A
LTM2886 AD-LTM2886 Datasheet
1Mb / 22P
6500VRMS Isolated RS485/RS422 μModule Transceiver Power
Rev. B
LTM2886 AD-LTM2886 Datasheet
242Kb / 26P
I2C Slave Device Extender Over Rugged Differential Link
Rev. 0
LTM2886 AD-LTM2886 Datasheet
671Kb / 18P
Isolated USB Data Transceiver
Rev A
More results


Similar Description - LTM2886

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5205-1 CHERRY-CS5205-1 Datasheet
163Kb / 7P
5A Adjustable, and 3.3V and 5V Fixed Linear Regulators
Rev. 6/12/97
CS5206-1 CHERRY-CS5206-1 Datasheet
164Kb / 7P
6A Adjustable, and Fixed 3.3V and 5V Linear Regulators
Rev. 7/8/97
logo
Linear Technology
LTM2883 LINER-LTM2883 Datasheet
759Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTM2883_1211 LINER-LTM2883_1211 Datasheet
761Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTM2883 LINER-LTM2883_15 Datasheet
869Kb / 36P
SPI/Digital or I2C Module Isolator with Adjustable 12.5V and 5V Regulated Power
LTM2892 LINER-LTM2892_15 Datasheet
649Kb / 36P
SPI/Digital or I2C Module Isolator
LTM2886 LINER-LTM2886 Datasheet
999Kb / 38P
SPI/Digital or I2C 關Module Isolator with Fixed 짹5V and Adjustable 5V Regulated Power
LTM2887 LINER-LTM2887 Datasheet
591Kb / 38P
SPI/Digital or I2C 關Module Isolator with Dual Adjustable 5V Regulators
logo
Maxim Integrated Produc...
MAX20076EVKIT MAXIM-MAX20076EVKIT Datasheet
106Kb / 1P
5V or 3.3V Fixed Output Voltage, or Adjustable Between 1V and 10V
MAX20075EVKIT MAXIM-MAX20075EVKIT Datasheet
108Kb / 1P
5V or 3.3V Fixed Output Voltage, or Adjustable Between 1V and 10V
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com