Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14713 Datasheet (PDF) - Analog Devices

MAX14713 Datasheet PDF - Analog Devices
Part # MAX14713
Download  MAX14713 Download
File Size   740.42 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Compact 6A Smart Power Path Selector

MAX14713 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX14713 Datasheet PDF - Analog Devices

Part # MAX14713
Download  MAX14713 Click to download

File Size   740.42 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Compact 6A Smart Power Path Selector

MAX14713 Datasheet (HTML) - Analog Devices


MAX14713 Product details

Features and Benefits
●●Provides Robust Bidirectional Power Path
•Wide Operating Input Voltage: +1.6V to +5.5V
•6A Continuous Current Capability
•Integrated Two 11mΩ (typ) MOSFET Switches
●●Simple Power-Switch Design
•Individual Path Control
•Automatic Power Path Control
•Automatic Soft-Start
•Powered by IN1, IN2, or OUT
●●Long Battery Life
•Ultra-Low Quiescent Supply Current 2.5μA (typ)
•Fast Switchover
•Optimum Soft-Start Feature
●●Space-Saving Package
•15-Bump 1.2mm x 2.0mm WLP Package




Similar Part No. - MAX14713

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14713 MAXIM-MAX14713 Datasheet
532Kb / 7P
3V DC power supply
Rev 1; 8/17
MAX14713EVKIT MAXIM-MAX14713EVKIT Datasheet
532Kb / 7P
3V DC power supply
Rev 1; 8/17
MAX14713EWL MAXIM-MAX14713EWL Datasheet
737Kb / 10P
Compact 6A Smart Power Path Selector
Rev 0; 9/14
MAX14713EWL+ MAXIM-MAX14713EWL+ Datasheet
737Kb / 10P
Compact 6A Smart Power Path Selector
Rev 0; 9/14
More results


Similar Description - MAX14713

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OZ998 ETC-OZ998 Datasheet
50Kb / 7P
Intelligent Manager Smart Multi-DIMM Selector
logo
Maxim Integrated Produc...
MAX8677A MAXIM-MAX8677A Datasheet
356Kb / 21P
1.5A Dual-Input USB/AC Adapter Charger and Smart Power Selector
Rev 1; 1/07
MAX77301 MAXIM-MAX77301 Datasheet
638Kb / 1P
JEITA-Compliant, Li Charger with Smart Power Selector, Automatic Detection
Rev 0; 1/13
logo
ON Semiconductor
NCN8026A ONSEMI-NCN8026A Datasheet
166Kb / 14P
Compact Low Power Smart Card Interface IC
January, 2013 ??Rev. 2
logo
Texas Instruments
BQ24250C TI1-BQ24250C Datasheet
2Mb / 48P
Power-Path Management
logo
ON Semiconductor
NCN8026A ONSEMI-NCN8026A_16 Datasheet
125Kb / 15P
Compact Low Power Smart Card Interface IC
May, 2016 ??Rev. 7
logo
Maxim Integrated Produc...
MAX14713EWL MAXIM-MAX14713EWL Datasheet
737Kb / 10P
Compact 6A Smart Power Path Selector
Rev 0; 9/14
MAX14746 MAXIM-MAX14746_V01 Datasheet
1Mb / 41P
USB Detection with Smart Power Selector Li Chargers
2017
MAX8934A MAXIM-MAX8934A_V01 Datasheet
1Mb / 32P
Dual-Input Linear Chargers, Smart Power Selector
2014
logo
Nordic Semiconductor
NPM1100 NORDIC-NPM1100 Datasheet
1Mb / 2P
Extremely compact Power Management IC (PMIC) with power path and charging
Version 1.1
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com