Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX797HESE Datasheet (PDF) - Analog Devices

MAX797HESE Datasheet PDF - Analog Devices
Part # MAX797HESE
Download  MAX797HESE Download
File Size   82.15 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High-Voltage, Step-Down Controller with Synchronous Rectifier for CPU Power

MAX797HESE Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX797HESE Datasheet PDF - Analog Devices

Part # MAX797HESE
Download  MAX797HESE Click to download

File Size   82.15 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High-Voltage, Step-Down Controller with Synchronous Rectifier for CPU Power

MAX797HESE Datasheet (HTML) - Analog Devices


MAX797HESE Product details

Features
96% Efficiency
Up to 40V Power Input
2.5V to 6V Adjustable Output
Preset 3.3V and 5V Outputs (at up to 10A)
5V Linear-Regulator Output
Precision 2.505V Reference Output
Automatic Bootstrap Circuit
150kHz/300kHz Fixed-Frequency PWM Operation
Programmable Soft-Start
375μA Quiescent Current (VIN = 12V, VOUT = 5V)
1μA Shutdown Current




Similar Part No. - MAX797HESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX797HESE MAXIM-MAX797HESE Datasheet
59Kb / 8P
High-Voltage, Step-Down Controller with Synchronous Rectifier for CPU Power
Rev 0; 7/97
More results


Similar Description - MAX797HESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1624 MAXIM-MAX1624 Datasheet
223Kb / 24P
High-Speed Step-Down Controllers with Synchronous Rectification for CPU Power
19-1227; Rev 1; 6/97
MAX1636 MAXIM-MAX1636 Datasheet
219Kb / 24P
Low-Voltage, Precision Step-Down Controller for Portable CPU Power
19-1268; Rev 0; 8/97
MAX1638 MAXIM-MAX1638 Datasheet
149Kb / 16P
High-Speed Step-Down Controller with Synchronous Rectification for CPU Power
19-1313; Rev 0; 11/97
MAX1639 MAXIM-MAX1639 Datasheet
108Kb / 13P
High-Speed Step-Down Controller with Synchronous Rectification for CPU Power
19-1337; Rev 0; 2/98
MAX796 MAXIM-MAX796 Datasheet
319Kb / 32P
Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 3a; 11/97
MAX797H MAXIM-MAX797H Datasheet
59Kb / 8P
High-Voltage, Step-Down Controller with Synchronous Rectifier for CPU Power
Rev 0; 7/97
MAX798 MAXIM-MAX798 Datasheet
89Kb / 12P
High-Accuracy Step-Down Controller with Synchronous Rectifier for CPU Power
Rev 0; 12/96
MAX796 MAXIM-MAX796_05 Datasheet
415Kb / 32P
Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 4; 9/05
MAX797CSE-T MAXIM-MAX797CSE-T Datasheet
1,005Kb / 32P
Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 4; 9/05
logo
Linear Technology
RH3845MK LINER-RH3845MK_15 Datasheet
103Kb / 6P
High Voltage Synchronous Step-Down Controller
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com