Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2170922 Datasheet (PDF) - Lapp.

2170922 Datasheet PDF - Lapp.
Part # 2170922
Download  2170922 Download
File Size   298.58 Kbytes
Page   3 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description ETHERLINE® T1 PN FLEX T Y 1x2x22/7 AWG

2170922 Datasheet (PDF)

Go To PDF Page Download Datasheet
2170922 Datasheet PDF - Lapp.

Part # 2170922
Download  2170922 Click to download

File Size   298.58 Kbytes
Page   3 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description ETHERLINE® T1 PN FLEX T Y 1x2x22/7 AWG

2170922 Datasheet (HTML) - Lapp.


2170922 Product details

Application
Field of use: Flexible Industrial Ethernet cable for generic cable system acc. to ISO/IEC 11801 and EN 50173.
Suitable for occasional flexing. Meeting the transmission requirements of IEC 61156-11,
T1-D (Downwards compatible to T1-C and T1-A-100). PROFINET Type B acc. to the "PROFINET
Cabling and Interconnection Technology" guideline.
Performance: 1-pair, overall braid and foil screened symmetrical cable (SF/UTP), having a nominal impedance of
100 Ω, supporting a bandwidth of 1 Gbit/s (e.g. 10BASE T1, 100BASE-T1, 1000BASE-T1) over up to
40 m.
Characteristics: flame retardant, no flame propagation, oil resistant, UV resistant
Applications: PROFINET Type B flexible cable for occasional movement or vibration, 10BASE-T1 (IEEE 802.3cg),
100BASE-T1 (IEEE 802.3bw), 1000BASE-T1 (IEEE 802.3bp), PoDL (IEEE 802.3bu) and other




Similar Part No. - 2170922

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170901 LAPP-2170901 Datasheet
273Kb / 2P
ETHERLINE™ Y CAT.5e BK 2x2xAWG 22/7
01.01.2019
logo
TE Connectivity Ltd
2170902-1 TEC-2170902-1 Datasheet
597Kb / 1P
ASSEMBLY DRAWING,HM-eZD VERTICAL,HEADER,4PAIRS 10COLUMNS
2170903-1 TEC-2170903-1 Datasheet
414Kb / 1P
ASSEMBLY, Z-Pack HM-eZd , RECEPTACLE, 4 PAIR, 10COLUMN
logo
Lapp.
2170905 LAPP-2170905 Datasheet
268Kb / 2P
ETHERLINE® FIRE Cat.5e PH120 4x2x23/1AWG
29.05.2018
2170913 LAPP-2170913 Datasheet
241Kb / 2P
ETHERLINE® FIRE Cat. 6A PH120 4X2XAWG22/1
02.12.2019
More results


Similar Description - 2170922

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170474 LAPP-2170474 Datasheet
245Kb / 2P
ETHERLINE® Cat. 7 Y ‘ 4x2x22/1 AWG
09.08.2021
2170482 LAPP-2170482 Datasheet
277Kb / 2P
ETHERLINE® TORSION Y CAT6A 4x2xAWG24/7
01.01.2019
2170583 LAPP-2170583 Datasheet
233Kb / 2P
ETHERLINE® PN Cat.6A Y FC 4x2x23/1AWG
13.01.2020
2170584 LAPP-2170584 Datasheet
239Kb / 2P
ETHERLINE® PN CAT.6A FRNC FC 4x2x23/1 AWG
15.07.2020
2170886 LAPP-2170886 Datasheet
243Kb / 2P
ETHERLINE® PN Cat.5 Y FLEX FC 2x2x22/7 AWG
16.11.2020
2170891 LAPP-2170891 Datasheet
258Kb / 2P
ETHERLINE® PN Cat. 5e Y 2x2x22 AWG
01.01.2019
2170893 LAPP-2170893 Datasheet
234Kb / 2P
ETHERLINE® Y FC Cat.5 2x2x22/1 AWG
30.03.2021
2170930 LAPP-2170930 Datasheet
274Kb / 2P
ETHERLINE® PN Cat.6A Y FLEX
01.01.2019
2170934 LAPP-2170934 Datasheet
389Kb / 2P
ETHERLINE Cat. 7 FLEX 4x2x26/7 AWG
2023-08-11
2170936 LAPP-2170936 Datasheet
273Kb / 2P
ETHERLINE® FESTOON PN Cat.5e
01.01.2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com