Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2170941 Datasheet (PDF) - Lapp.

2170941 Datasheet PDF - Lapp.
Part # 2170941
Download  2170941 Download
File Size   252.59 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description ETHERLINE® ROBOT PN Cat.5e FC 1x4x22/19 AWG

2170941 Datasheet (PDF)

Go To PDF Page Download Datasheet
2170941 Datasheet PDF - Lapp.

Part # 2170941
Download  2170941 Click to download

File Size   252.59 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description ETHERLINE® ROBOT PN Cat.5e FC 1x4x22/19 AWG

2170941 Datasheet (HTML) - Lapp.


2170941 Product details

Application
Field of use: Connecting cable for cabling systems acc. to ISO/IEC 11801
and EN 50173. Suitable for highly flexible applications under
torsional stress, for highly flexible applications in power chains
and permanent moved machine parts. Meeting the transmission
requirements of IEC 61156-6, Category 5e. Compliant to the
"PROFINET Cabling and Interconnection Technology" guideline.
Performance: starquad, screened foiled cable (SF/UTQ), having a nominal
impedance of 100 Ω, supporting a bandwidth of 100 Mbit/s
(e.g. 10BASE-T, 100BASE-T) over up to 100 m.
Characteristics: halogen free, flame retardant, UV resistant, oil resistant,
abrasion resistant, the "Fast Connect" design allows easy
stripping and assembly of the cable
Applications: PROFINET Type R cable for robotic applications, EtherCAT,
EtherNet/IP, PoE (IEEE 802.3af), PoE+ (IEEE 802.3at) and others




Similar Part No. - 2170941

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170901 LAPP-2170901 Datasheet
273Kb / 2P
ETHERLINE™ Y CAT.5e BK 2x2xAWG 22/7
01.01.2019
logo
TE Connectivity Ltd
2170902-1 TEC-2170902-1 Datasheet
597Kb / 1P
ASSEMBLY DRAWING,HM-eZD VERTICAL,HEADER,4PAIRS 10COLUMNS
2170903-1 TEC-2170903-1 Datasheet
414Kb / 1P
ASSEMBLY, Z-Pack HM-eZd , RECEPTACLE, 4 PAIR, 10COLUMN
logo
Lapp.
2170905 LAPP-2170905 Datasheet
268Kb / 2P
ETHERLINE® FIRE Cat.5e PH120 4x2x23/1AWG
29.05.2018
2170913 LAPP-2170913 Datasheet
241Kb / 2P
ETHERLINE® FIRE Cat. 6A PH120 4X2XAWG22/1
02.12.2019
More results


Similar Description - 2170941

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170451 LAPP-2170451 Datasheet
266Kb / 2P
ETHERLINE®™ ROBUST PN Cat. 5e
01.01.2019
2170454 LAPP-2170454 Datasheet
267Kb / 2P
ETHERLINE® ROBUST PN FR Cat. 5e
01.01.2019
2170489 LAPP-2170489 Datasheet
431Kb / 2P
ETHERLINE FD P Cat. 5e 4x2x26/19 AWG
2023-07-31
2170496 LAPP-2170496 Datasheet
234Kb / 2P
ETHERLINE® Cat.5 ARM 1x4x22/1 AWG
30.03.2021
2170583 LAPP-2170583 Datasheet
233Kb / 2P
ETHERLINE® PN Cat.6A Y FC 4x2x23/1AWG
13.01.2020
2170584 LAPP-2170584 Datasheet
239Kb / 2P
ETHERLINE® PN CAT.6A FRNC FC 4x2x23/1 AWG
15.07.2020
2170886 LAPP-2170886 Datasheet
243Kb / 2P
ETHERLINE® PN Cat.5 Y FLEX FC 2x2x22/7 AWG
16.11.2020
2170891 LAPP-2170891 Datasheet
258Kb / 2P
ETHERLINE® PN Cat. 5e Y 2x2x22 AWG
01.01.2019
2170936 LAPP-2170936 Datasheet
273Kb / 2P
ETHERLINE® FESTOON PN Cat.5e
01.01.2019
UDB2170450 LAPP-UDB2170450 Datasheet
108Kb / 2P
ETHERLINE® TRAY CAT. 5e
January 1, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com