Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0684 Datasheet (PDF) - DFROBOT

DFR0684 Datasheet PDF - DFROBOT
Part # DFR0684
Download  DFR0684 Download
File Size   151.83 Kbytes
Page   6 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description RS485 Connector Expansion Shield for LattePanda V1 WiKi

DFR0684 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR0684 Datasheet PDF - DFROBOT

Part # DFR0684
Download  DFR0684 Click to download

File Size   151.83 Kbytes
Page   6 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description RS485 Connector Expansion Shield for LattePanda V1 WiKi

DFR0684 Datasheet (HTML) - DFROBOT


DFR0684 Product details

Specification
Operating Voltage: +5V
EIA/TIA-232-F Standard Compliant
Max Baud Rate: 115200 bps (LattePanda V1.0 TTL signal can only be adjusted to 115200 bps)
Max 12V Power Output(Output current is small than 150mA)
Isolated Voltage: 2500 VDC
1/8 Unit Load, Bus load up to 256 nodes
Bus fault protection and Bus driver short-circuit protection
Operating Temperature:-40℃ to +105℃

Application
The RS485 interface can be easily used in the Windows environment. (Compatible with Linuxenvironment)
⚠ Note:
Not Sopport Hot Plugging




Similar Part No. - DFR0684

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0600 DFROBOT-DFR0600 Datasheet
1Mb / 3P
PYNQ-Z2 Development Board
5-9-19
DFR0601 DFROBOT-DFR0601 Datasheet
809Kb / 13P
Dual-Channel DC Motor Driver
2023/10/12
DFR0602 DFROBOT-DFR0602 Datasheet
1Mb / 5P
ESP32-CAM Development Board
8-15-19
DFR0604 DFROBOT-DFR0604 Datasheet
1Mb / 13P
IO Expansion HAT for Pi Zero/Zero W
12-5-19
DFR0605 DFROBOT-DFR0605 Datasheet
660Kb / 9P
Gravity: Digital RGB LED Module
5-9-19
More results


Similar Description - DFR0684

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2878586 PHOENIX-2878586 Datasheet
49Kb / 1P
Shield connector, for INTERBUS connection
1790319 PHOENIX-1790319 Datasheet
137Kb / 5P
FFKDS/V1-5,08
logo
Infineon Technologies A...
SLS32AIA010MH INFINEON-SLS32AIA010MH Datasheet
1Mb / 39P
Product Version: V1
Revision 1.72 2019-09-18
logo
Beckhoff Automation Gmb...
CX7080 BECKHOFF-CX7080 Datasheet
138Kb / 4P
Embedded PC for RS232/RS485
logo
Schneider Electric
XPSMCMCO0000S2 SCHNEIDER-XPSMCMCO0000S2 Datasheet
200Kb / 6P
RS485 Safe communications expansion module 2 way with screw term
Sep 19, 2021
logo
STMicroelectronics
X-NUCLEO-STMODA1 STMICROELECTRONICS-X-NUCLEO-STMODA1 Datasheet
8Mb / 4P
STMod connector expansion board for STM32 Nucleo
10-Apr-2018
logo
Pepperl+Fuchs Inc.
FB8206H0630 PF-FB8206H0630 Datasheet
544Kb / 3P
EasyCom Com Unit for PROFIBUS DP/DP-V1
LB8109H0908 PF-LB8109H0908 Datasheet
583Kb / 4P
Unicom Com Unit for PROFIBUS DP/DP-V1
2020-05-06
logo
Coolgear Inc.
CG-PCIEC-DVICEB COOLGEAR-CG-PCIEC-DVICEB Datasheet
523Kb / 2P
3FT DVI Like Expansion Cable for Expansion Box
logo
STMicroelectronics
X-NUCLEO-IHM09M2 STMICROELECTRONICS-X-NUCLEO-IHM09M2 Datasheet
254Kb / 5P
Motor control connector expansion board for STM32 Nucleo
18-Jul-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com