Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0698 Datasheet (PDF) - DFROBOT

DFR0698 Datasheet PDF - DFROBOT
Part # DFR0698
Download  DFR0698 Download
File Size   406.81 Kbytes
Page   3 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description 12.5" 4K Touch Display x1

DFR0698 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR0698 Datasheet PDF - DFROBOT

Part # DFR0698
Download  DFR0698 Click to download

File Size   406.81 Kbytes
Page   3 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description 12.5" 4K Touch Display x1

DFR0698 Datasheet (HTML) - DFROBOT


DFR0698 Product details

FEATURES

3840*2160 (4K) resolution
100% Color gamut
Built-in left and right loudspeaker
Full lamination touch glass panel, ten-point capacitive touch technology
Supports for Raspberry Pi 4B, LattePanda Alpha, LattePanda Delta
Supports for device connection with HDMI output




Similar Part No. - DFR0698

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0699 DFROBOT-DFR0699 Datasheet
304Kb / 20P
SKU:DFR0699
More results


Similar Description - DFR0698

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AGD-312D AAEON-AGD-312D Datasheet
285Kb / 2P
12.1" XGA Rugged Touch Display
AGD-315P AAEON-AGD-315P Datasheet
381Kb / 2P
15" XGA Rugged Touch Display
AGD-317D AAEON-AGD-317D Datasheet
349Kb / 2P
17" SXGA Rugged Touch Display
FOX-81D AAEON-FOX-81D Datasheet
160Kb / 1P
8.4??Heavy-Duty Touch Display
logo
STANLEY ELECTRIC CO.,LT...
NAG161P-B STANLEY-NAG161P-B Datasheet
1Mb / 12P
Numeric Display/Case Size 12.5 x 19.0 mm
logo
Schurter Inc.
CDS1 SCHURTER-CDS1 Datasheet
509Kb / 5P
Touch Display Switch
logo
Schneider Electric
HMIDT351 SCHNEIDER-HMIDT351 Datasheet
124Kb / 4P
7W Touch Advanced Display WVGA
Aug 10, 2019
HMIDT732 SCHNEIDER-HMIDT732 Datasheet
119Kb / 4P
15 Touch Smart Display XG
Aug 11, 2019
logo
Schurter Inc.
CDS1 SCHURTER-CDS1_V02 Datasheet
510Kb / 5P
Touch Display Switch
05.01.2022
logo
Advantech Co., Ltd.
ESRP-CMS-TPC1251 ADVANTECH-ESRP-CMS-TPC1251 Datasheet
407Kb / 2P
12.5 Intel Atom Multi-Touch PC ACP Ready ThinClient
25-Feb-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com