Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

251/97/93B Datasheet (PDF) - Multicomp Pro

251/97/93B Datasheet PDF - Multicomp Pro
Part # 251/97/93B
Download  251/97/93B Download
File Size   246.36 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Metric Cable Glands With Locknut and Sealing Washer

251/97/93B Datasheet (PDF)

Go To PDF Page Download Datasheet
251/97/93B Datasheet PDF - Multicomp Pro

Part # 251/97/93B
Download  251/97/93B Click to download

File Size   246.36 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Metric Cable Glands With Locknut and Sealing Washer

251/97/93B Datasheet (HTML) - Multicomp Pro


251/97/93B Product details

[Features]
• Ideal for general use
• IP66 Protection
• Halogen free
These Miniature and Standard Cable Glands give good all-round
performance and are supplied with Locknuts and Sealing Washers.
Black White Miniature glands for small cable size and Standard glands for
standard applications.
Cable Glands Characteristics
Cable Glands Material : Polyamide 6.6 (Nylon)
Operating Temperature : -20°C to +90°C
Max. Panel Thickness : 3.5mm
IP Rating : IP66
Flammability : UL94-V2 (Nylon Material)
Colours : Black and White
Seal Material : Nitrile Rubber
Cable Glands Specification Table
Max. Min. Projection Metric
Thread Thread
Type Colour Cable Cable Infront of Thread Part Number
Length Size
Diameter Diameter Panel Size
Miniature 7 5 21 8 M13 × 1.5 M13 241/69/79B
10.5 7 25 10 M16 × 1.5 M16 250/92/96-B
Black 13 8 31 11 252/97/93B
Standard
7 4 21 8 M20 × 1.5 M20 249/97/93B
10.5 7 25 10 251/97/93B
Miniature 5 M13 × 1.5 M13 241/69/79W
7 21 8
4 M20 × 1.5 M20 249/97/93W
White M16 × 1.5 M16 250/92/96-W
Standard 10.5 7 25 10
M20 × 1.5 M20 251/97/93W
13 8 31 11 M20 x 1.5 M20 252/97/93W
Dimensions : Millimetres
Locknut Dimensions
Metric Thread
Across Flats Thickness Material
Size
M13 15 5
M16 19 6.7 Polyamide 6.6
M20 23 8
Locknut Dimensions : Millimetres




Similar Part No. - 251/97/93B

ManufacturerPart #DatasheetDescription
logo
Pro-Power
251/97/93B PROPOWER-251/97/93B Datasheet
213Kb / 2P
Metric Cable Glands With Locknut and Sealing Washer
V1.3 13/10/17
More results


Similar Description - 251/97/93B

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0260700000 WEIDMULLER-0260700000 Datasheet
742Kb / 22P
Cable glands
logo
List of Unclassifed Man...
481-0680M-GR ETC2-481-0680M-GR Datasheet
74Kb / 2P
Metric Fan Disc Washer
logo
Richco, Inc.
CG-PG RICHCO-CG-PG Datasheet
79Kb / 1P
CABLE GLANDS - PG TYPE
CG-NPT RICHCO-CG-NPT Datasheet
78Kb / 1P
CABLE GLANDS - NPT TYPE
logo
SAB North America
CG300 SAB-CG300 Datasheet
169Kb / 1P
Metal Cable Glands
CG300NPT SAB-CG300NPT Datasheet
166Kb / 1P
Metal Cable Glands
CG300PG SAB-CG300PG Datasheet
168Kb / 1P
Metal Cable Glands
CGEMC-2 SAB-CGEMC-2 Datasheet
192Kb / 1P
EMC Grounding Cable Glands
CGEMC-2PG SAB-CGEMC-2PG Datasheet
233Kb / 1P
EMC Grounding Cable Glands
CGEMC-4 SAB-CGEMC-4 Datasheet
223Kb / 1P
EMC Grounding Cable Glands
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com