Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

115GT300C252C1 Datasheet (PDF) - CTS Corporation

115GT300C252C1 Datasheet PDF - CTS Corporation
Part # 115GT300C252C1
Download  115GT300C252C1 Download
File Size   806.77 Kbytes
Page   3 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Commercial 3/4inch (19mm) Diameter, 2 watt Wirewound Variable Resistor

115GT300C252C1 Datasheet (PDF)

Go To PDF Page Download Datasheet
115GT300C252C1 Datasheet PDF - CTS Corporation

Part # 115GT300C252C1
Download  115GT300C252C1 Click to download

File Size   806.77 Kbytes
Page   3 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Commercial 3/4inch (19mm) Diameter, 2 watt Wirewound Variable Resistor

115GT300C252C1 Datasheet (HTML) - CTS Corporation




Similar Part No. - 115GT300C252C1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
115GT300C100A1 CTS-115GT300C100A1 Datasheet
1Mb / 4P
Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
115GT300C100B1 CTS-115GT300C100B1 Datasheet
1Mb / 4P
Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
115GT300C100D1 CTS-115GT300C100D1 Datasheet
1Mb / 4P
Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
115GT300C101A1 CTS-115GT300C101A1 Datasheet
1Mb / 4P
Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
115GT300C101B1 CTS-115GT300C101B1 Datasheet
1Mb / 4P
Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
More results


Similar Description - 115GT300C252C1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
115 CTS-115 Datasheet
1Mb / 4P
Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
250 CTS-250 Datasheet
1Mb / 4P
Commercial Composition 9mm Diameter Variable Resistors
450 CTS-450 Datasheet
65Kb / 2P
Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
295 CTS-295 Datasheet
581Kb / 2P
Commercial 24mm Diameter Composition Element Long Life Variable Resistor
118GA332R103B1 CTS-118GA332R103B1 Datasheet
547Kb / 2P
Commercial 3/4inch (19.1mm) Diameter, 2-Watt, Wirewound Variable Resisters
110 CTS-110 Datasheet
957Kb / 3P
Commercial 3/4inch (19mm) Diameter, 1 1/2 and 2 watt Wirewound Variable Resistor
026 CTS-026 Datasheet
822Kb / 4P
Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
logo
IRC - a TT electronics ...
CCW IRCTT-CCW Datasheet
322Kb / 3P
Commercial Grade Power Axial Wirewound Resistor
logo
TE Connectivity Ltd
154N TEC-154N Datasheet
144Kb / 5P
19mm Diameter Package
logo
TT Electronics.
CCW TTELEC-CCW Datasheet
300Kb / 3P
Commercial Grade Power Axial Wirewound Resistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com