Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90614 Datasheet (PDF) - Seeed Technology Co.,Ltd.

MLX90614 Datasheet PDF - Seeed Technology Co.,Ltd.
Part # MLX90614
Download  MLX90614 Download
File Size   2802.4 Kbytes
Page   57 Pages
Manufacturer  SEEEDSTUDIO [Seeed Technology Co.,Ltd.]
Direct Link  https://www.seeedstudio.com/
Logo SEEEDSTUDIO - Seeed Technology Co.,Ltd.
Description Datasheet Single and Dual Zone Infra Red Thermometer in TO-39

MLX90614 Datasheet (PDF)

Go To PDF Page Download Datasheet
MLX90614 Datasheet PDF - Seeed Technology Co.,Ltd.

Part # MLX90614
Download  MLX90614 Click to download

File Size   2802.4 Kbytes
Page   57 Pages
Manufacturer  SEEEDSTUDIO [Seeed Technology Co.,Ltd.]
Direct Link  https://www.seeedstudio.com/
Logo SEEEDSTUDIO - Seeed Technology Co.,Ltd.
Description Datasheet Single and Dual Zone Infra Red Thermometer in TO-39

MLX90614 Datasheet (HTML) - Seeed Technology Co.,Ltd.


MLX90614 Product details

Features and Benefits
 Small size, low cost
 Easy to integrate
 Factory calibrated in wide temperature
range:
-40°C…+125˚C for sensor temperature and
-70°C…+380˚C for object temperature.
 High accuracy of 0.5°C in a wide
temperature range (0°C…+50°C for both Ta
and To)
 High (medical) accuracy calibration
 Measurement resolution of 0.02°C
 Single and dual zone versions
 SMBus compatible digital interface
 Customizable PWM output for continuous
reading
 Available in 3V and 5V versions
 Simple adaptation for 8V…16V applications
 Sleep mode for reduced power
consumption
 Different package options for applications
and measurements versatility
 Automotive grade




Similar Part No. - MLX90614

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614 Datasheet
808Kb / 40P
Single and Dual Zone
MLX90614 ETC2-MLX90614 Datasheet
1Mb / 35P
Single and Dual Zone Infra Red Thermometer
logo
Melexis Microelectronic...
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614 MELEXIS-MLX90614 Datasheet
4Mb / 52P
Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614 MELEXIS-MLX90614 Datasheet
2Mb / 51P
Single and Dual Zone Infra Red Thermometer in TO-39
More results


Similar Description - MLX90614

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BPW41D ZETEX-BPW41D Datasheet
121Kb / 3P
INFRA-RED PHOTODETECTOR
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614 Datasheet
808Kb / 40P
Single and Dual Zone
MLX90614 ETC2-MLX90614_06 Datasheet
1Mb / 35P
Single and Dual Zone Infra Red Thermometer
logo
Melexis Microelectronic...
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
Single and Dual Zone Infra Red Thermometer in TO-39
logo
Marktech Corporate
LS880PP MARKTECH-LS880PP Datasheet
65Kb / 1P
INFRA-RED LED
logo
Melexis Microelectronic...
EVB90614 MELEXIS-EVB90614 Datasheet
4Mb / 52P
Single and Dual Zone Infra Red Thermometer in TO-39
EVB90615 MELEXIS-EVB90615 Datasheet
522Kb / 30P
Infra Red Thermometer
MLX90616 MELEXIS-MLX90616 Datasheet
1Mb / 36P
Infra Red Thermometer in TO-39 for high temperature thermometer guns
MLX90615 MELEXIS-MLX90615_13 Datasheet
832Kb / 31P
Infra Red Thermometer
MLX90614 MELEXIS-MLX90614_15 Datasheet
2Mb / 51P
Single and Dual Zone Infra Red Thermometer in TO-39
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com