Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2804S Datasheet (PDF) - pro-elec

2804S Datasheet PDF - pro-elec
Part # 2804S
Download  2804S Download
File Size   135.0 Kbytes
Page   2 Pages
Manufacturer  PRO-ELEC [pro-elec]
Direct Link  
Logo PRO-ELEC - pro-elec
Description Extension Leads

2804S Datasheet (PDF)

Go To PDF Page Download Datasheet
2804S Datasheet PDF - pro-elec

Part # 2804S
Download  2804S Click to download

File Size   135.0 Kbytes
Page   2 Pages
Manufacturer  PRO-ELEC [pro-elec]
Direct Link  
Logo PRO-ELEC - pro-elec
Description Extension Leads

2804S Datasheet (HTML) - pro-elec


2804S Product details

Surge Protection Data
Voltage : 220 V to 240 V
Maximum Operating Voltage : 300 V ac (rms)
Mains Three Way Protection : LN LE NE
Peak Current : 4.5 kA
Maximum Energy : 3 × 125 J
Maximum Clamping Voltage : 775 V
Response Time : <50 ns




Similar Part No. - 2804S

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2804 KR-2804 Datasheet
49Kb / 2P
53 MHz surface mount bandpass filter
logo
Emcore Corporation
2804 EMCORE-2804 Datasheet
288Kb / 2P
110 Channel CATV Professional Distribution System (PDS)
logo
Heyco.
2804 HEYCO-2804 Datasheet
102Kb / 1P
Shorty Bushings
2804 HEYCO-2804 Datasheet
117Kb / 1P
Thin Panel Bushings
logo
Abbatron All Rights Res...
2804 ABBATRON-2804 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results


Similar Description - 2804S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9148 ETC1-9148 Datasheet
44Kb / 1P
Extension Sockets
128820 ETC2-128820 Datasheet
109Kb / 1P
Extension Cables
logo
Assmann Electronics Inc...
AK306-2-R ASSMANN-AK306-2-R Datasheet
244Kb / 1P
KEYBOARD EXTENSION
logo
Festo Corporation.
538436 FESTO-538436 Datasheet
85Kb / 1P
Muffler extension
538437 FESTO-538437 Datasheet
66Kb / 1P
Muffler extension
logo
Pepperl+Fuchs Inc.
UDB-CABLE-1M PF-UDB-CABLE-1M Datasheet
464Kb / 1P
Extension cable
UDB-CABLE-2M PF-UDB-CABLE-2M Datasheet
464Kb / 1P
Extension cable
UC-30GM-PROG PF-UC-30GM-PROG Datasheet
412Kb / 2P
Extension cable
LB9025BP08100.1 PF-LB9025BP08100.1 Datasheet
689Kb / 2P
Extension Backplane
2021-12-01
LB9027BP16200.1 PF-LB9027BP16200.1 Datasheet
637Kb / 2P
Extension Backplane
2021-12-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com