Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317ATF Datasheet (PDF) - Multicomp Pro

LM317ATF Datasheet PDF - Multicomp Pro
Part # LM317ATF
Download  LM317ATF Download
File Size   320.47 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Positive Voltage Regulator Adjustable 3 Terminal

LM317ATF Datasheet (PDF)

Go To PDF Page Download Datasheet
LM317ATF Datasheet PDF - Multicomp Pro

Part # LM317ATF
Download  LM317ATF Click to download

File Size   320.47 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Positive Voltage Regulator Adjustable 3 Terminal

LM317ATF Datasheet (HTML) - Multicomp Pro


LM317ATF Product details

[Features]
• Internal thermal overload protection
• Internal short circuit current limiting
• Output transistor safe operating area compensation
• This monolithic integrated circuit is an adjustable 3-terminal positive voltage
regulator designed to supply more than 1.5A of load current with an output
voltage adjustable over a 1.2 to 37V. It employs internal current limiting ,
thermal shut-down and safe area compensation.
Absolute Maximum Ratings Ta = 25°C
Parameter Symbol Rating
Input-Output Voltage Differential VI-VO 40V
Temperature Coefficient of Output Voltage ΔVO /ΔT ±0.02V
Power Dissipation PD Internally limited (W)
Thermal Resistance Junction to Case RθJC 5°C/W
Lead Temperature TLEAD 230°C
Operating Junction Temperature Range TJ 125°C
Storage Temperature Range Tstg -55°C to +150°C
Internal Block Diagram




Similar Part No. - LM317ATF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM317AT NSC-LM317AT Datasheet
645Kb / 25P
3-Terminal Adjustable Regulator
LM317AT NSC-LM317AT Datasheet
1,013Kb / 28P
3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317AT TI1-LM317AT Datasheet
3Mb / 38P
LM117/LM317A/LM317-N 3-Terminal Adjustable Regulator
LM317AT TI1-LM317AT Datasheet
3Mb / 40P
LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM317AT TI1-LM317AT Datasheet
3Mb / 40P
LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
More results


Similar Description - LM317ATF

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM317 NJRC-NJM317 Datasheet
260Kb / 8P
ADJUSTABLE 3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA350 FAIRCHILD-KA350 Datasheet
121Kb / 8P
3-Terminal 3A Positive Adjustable Voltage Regulator
LM350 FAIRCHILD-LM350 Datasheet
121Kb / 8P
3-Terminal 3A Positive Adjustable Voltage Regulator
logo
List of Unclassifed Man...
GJLM317 ETC2-GJLM317 Datasheet
308Kb / 3P
3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
GTM CORPORATION
G3ULM317 GTM-G3ULM317 Datasheet
331Kb / 3P
3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L_07 Datasheet
743Kb / 11P
3-Terminal Adjustable Positive Voltage Regulator
TS317 TSC-TS317_10 Datasheet
666Kb / 14P
3-Terminal Adjustable Positive Voltage Regulator
TS317L TSC-TS317L_08 Datasheet
214Kb / 11P
3-Terminal Adjustable Positive Voltage Regulator
TS317L TSC-TS317L_14 Datasheet
496Kb / 10P
3-Terminal Adjustable Positive Voltage Regulator
logo
First Components Intern...
LM317S FCI-LM317S Datasheet
335Kb / 3P
3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com