Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20KTD10 Datasheet (PDF) - Vishay Siliconix

20KTD10 Datasheet PDF - Vishay Siliconix
Part # 20KTD10
Download  20KTD10 Download
File Size   97.37 Kbytes
Page   1 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Heavy Duty High Voltage Capacitors

20KTD10 Datasheet (PDF)

Go To PDF Page Download Datasheet
20KTD10 Datasheet PDF - Vishay Siliconix

Part # 20KTD10
Download  20KTD10 Click to download

File Size   97.37 Kbytes
Page   1 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Heavy Duty High Voltage Capacitors

20KTD10 Datasheet (HTML) - Vishay Siliconix


20KTD10 Product details

10 TO 40KV MOLDED EPOXY CASE DK GENERAL PURPOSE TYPE, EIA CLASS III APPLICATIONS:

• High Voltage Power Supplies, CRTs, Lasers.

• Smallest Size Available.



KT SPECIAL PURPOSE TYPE, EIA CLASS I APPLICATIONS:

• High Voltage Power Supplies, CRTs, Lasers.

• Greater Capacitance Stability.

• Features Low DF and Low Heating, Low DC & AC Voltage Coefficient.

• Tighter Tolerance On Capacitance.

• Highest AC Voltage Ratings.



 




Similar Part No. - 20KTD10

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
20K YAGEO-20K Datasheet
605Kb / 13P
Metal Oxide Varistor (MOV)
Oct. 06, 2020 V.1
logo
Cooper Bussmann, Inc.
20K08-660 COOPER-20K08-660 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
20K09-660 COOPER-20K09-660 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Ohmite Mfg. Co.
20K0J OHMITE-20K0J Datasheet
239Kb / 2P
Power Chip짰 Thick Film on Alumina Substrate
logo
Stackpole Electronics, ...
20K1103050 SEI-20K1103050 Datasheet
969Kb / 5P
Automotive Leaded Varistor
08/14/2019
More results


Similar Description - 20KTD10

ManufacturerPart #DatasheetDescription
logo
Energizer
1235 ENERGIZER-1235 Datasheet
146Kb / 2P
SUPER HEAVY DUTY
logo
List of Unclassifed Man...
L1330A ETC2-L1330A Datasheet
90Kb / 1P
LOW VOLTAGE HEAVY DUTY FUSE
logo
Extech Instruments Corp...
407026 EXTECH-407026 Datasheet
537Kb / 8P
Heavy Duty Meter
logo
List of Unclassifed Man...
BU-24APN ETC2-BU-24APN Datasheet
49Kb / 1P
Heavy Duty Clip
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
Heavy duty applications
logo
OEN India Limited
OEN53 OENINDIA-OEN53 Datasheet
529Kb / 2P
HEAVY DUTY RELAY
OEN53PT OENINDIA-OEN53PT Datasheet
542Kb / 2P
HEAVY DUTY RELAY
logo
Energizer
1151 ENERGIZER-1151 Datasheet
585Kb / 1P
Heavy Duty Flashlight
1251 ENERGIZER-1251 Datasheet
577Kb / 1P
Heavy Duty Flashlight
1251L ENERGIZER-1251L Datasheet
228Kb / 1P
Heavy Duty Flashlight
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com