Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TU1004G Datasheet (PDF) - TAITRON Components Incorporated

TU1004G Datasheet PDF - TAITRON Components Incorporated
Part # TU1004G
Download  TU1004G Download
File Size   195.23 Kbytes
Page   4 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 10A Glass Passivated Bridge Rectifier

TU1004G Datasheet (PDF)

Go To PDF Page Download Datasheet
TU1004G Datasheet PDF - TAITRON Components Incorporated

Part # TU1004G
Download  TU1004G Click to download

File Size   195.23 Kbytes
Page   4 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 10A Glass Passivated Bridge Rectifier

TU1004G Datasheet (HTML) - TAITRON Components Incorporated


TU1004G Product details

Features

• Glass passivated chip junction

• Low forward voltage drop

• High reliability

• Ideal for printed circuit boards

• High temperature soldering guaranteed: 250° C/10 seconds at 5lbs.(2.3kg) tension

• RoHS compliant



Mechanical Data

Case: TU, Epoxy meets UL 94V-0 flammability rating

Terminals: Plated leads solderable per MIL-STD-202, Method 208

Polarity: Polarity symbols marked on case

Mounting Torque: 8.8 in. – lbs. max.

Weight: 8.0 grams (approx)




Similar Part No. - TU1004G

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TU1004 TAITRON-TU1004 Datasheet
201Kb / 4P
10A Bridge Rectifiers
More results


Similar Description - TU1004G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PB1000G WTE-PB1000G Datasheet
34Kb / 3P
10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBU10005 DIODES-GBU10005 Datasheet
53Kb / 2P
10A GLASS PASSIVATED BRIDGE RECTIFIER
DS30052 Rev. D-2
logo
Shenzhen Luguang Electr...
GBJ10005 LUGUANG-GBJ10005 Datasheet
172Kb / 2P
10A Glass Passivated Bridge Rectifier
logo
Yea Shin Technology Co....
GBJ10005 YEASHIN-GBJ10005 Datasheet
371Kb / 2P
10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBJ10005 DIODES-GBJ10005_15 Datasheet
81Kb / 3P
10A GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
D10XB05 ZSELEC-D10XB05 Datasheet
59Kb / 2P
10A GLASS PASSIVATED BRIDGE RECTIFIER
GBJ10A ZSELEC-GBJ10A Datasheet
45Kb / 2P
10A GLASS PASSIVATED BRIDGE RECTIFIER
GBJ10005 ZSELEC-GBJ10005 Datasheet
45Kb / 2P
10A GLASS PASSIVATED BRIDGE RECTIFIER
KBJ10A ZSELEC-KBJ10A Datasheet
84Kb / 2P
10A GLASS PASSIVATED BRIDGE RECTIFIER
RS1001M ZSELEC-RS1001M Datasheet
100Kb / 2P
10A GLASS PASSIVATED BRIDGE RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com