Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TZM5260B Datasheet (PDF) - TAITRON Components Incorporated

TZM5260B Datasheet PDF - TAITRON Components Incorporated
Part # TZM5260B
Download  TZM5260B Download
File Size   204.08 Kbytes
Page   5 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 500mW Surface Mount Zener Diodes

TZM5260B Datasheet (PDF)

Go To PDF Page Download Datasheet
TZM5260B Datasheet PDF - TAITRON Components Incorporated

Part # TZM5260B
Download  TZM5260B Click to download

File Size   204.08 Kbytes
Page   5 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 500mW Surface Mount Zener Diodes

TZM5260B Datasheet (HTML) - TAITRON Components Incorporated


TZM5260B Product details

500mW Surface Mount Zener Diodes

Features
• Planar Die Construction
• 500mW Power Dissipation
• Very Sharp Reverse Characteristic
• Very High Stability
• Low Reverse Current Level
• Standard Zener Voltage Tolerance is ± 5 %
• Ideally Suited for Automated Assembly Processes
• RoHS Compliant




Similar Part No. - TZM5260B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TZM5260B VISHAY-TZM5260B Datasheet
59Kb / 4P
Silicon Z-Diodes
01-Apr-99
TZM5260B VISHAY-TZM5260B Datasheet
81Kb / 5P
Small Signal Zener Diodes
21-Mar-06
TZM5260B VISHAY-TZM5260B Datasheet
78Kb / 4P
Small Signal Zener Diodes
29-Nov-11
TZM5260B VISHAY-TZM5260B Datasheet
76Kb / 4P
Small Signal Zener Diodes
22-Nov-12
TZM5260B VISHAY-TZM5260B Datasheet
76Kb / 4P
Small Signal Zener Diodes
22-Nov-12
More results


Similar Description - TZM5260B

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TZMC2V4 TAITRON-TZMC2V4 Datasheet
199Kb / 5P
500mW Surface Mount Zener Diodes
ZMM5221B TAITRON-ZMM5221B Datasheet
204Kb / 5P
500mW Surface Mount Zener Diodes
ZMMC2V4 TAITRON-ZMMC2V4 Datasheet
199Kb / 5P
500mW Surface Mount Zener Diodes
logo
SUNMATE electronic Co.,...
MMSZ2V4 SUNMATE-MMSZ2V4 Datasheet
387Kb / 3P
500mW Surface Mount Zener Diodes
MMSZ4678 SUNMATE-MMSZ4678 Datasheet
316Kb / 2P
500mW Surface Mount Zener Diodes
MMSZ5221 SUNMATE-MMSZ5221 Datasheet
224Kb / 2P
500mW Surface Mount Zener Diodes
logo
CHENG-YI ELECTRONIC CO....
MMSZ5221B CHENG-YI-MMSZ5221B Datasheet
734Kb / 4P
500mW SURFACE MOUNT ZENER DIODES
logo
SeCoS Halbleitertechnol...
BZT52C SECOS-BZT52C Datasheet
685Kb / 4P
500mW SOD-123 Surface Mount Zener Diodes
MTSZ52XXBW SECOS-MTSZ52XXBW Datasheet
478Kb / 4P
500mW, SOD-123LH Surface Mount Zener Diodes
logo
E-CMOS Corporation
ECCZD55C2V0 E-CMOS-ECCZD55C2V0 Datasheet
293Kb / 7P
500mW Surface Mount Zener Diodes - 2.0V-100V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com