Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3S617 Datasheet (PDF) - List of Unclassifed Manufacturers

LM3S617 Datasheet PDF - List of Unclassifed Manufacturers
Part # LM3S617
Download  LM3S617 Download
File Size   2625.26 Kbytes
Page   379 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Microcontroller

LM3S617 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3S617 Datasheet PDF - List of Unclassifed Manufacturers

Part # LM3S617
Download  LM3S617 Click to download

File Size   2625.26 Kbytes
Page   379 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Microcontroller

LM3S617 Datasheet (HTML) - List of Unclassifed Manufacturers


LM3S617 Product details

[Luminary Micro, Inc.]

Architectural Overview
The Luminary Micro Stellaris® family of microcontrollers—the first ARM® Cortex™-M3 based controllers—brings high-performance 32-bit computing to cost-sensitive embedded microcontroller applications. These pioneering parts deliver customers 32-bit performance at a cost equivalent to legacy 8- and 16-bit devices, all in a package with a small footprint.
The LM3S617 controller in the Stellaris family offers the advantages of ARM’s widely available development tools, System-on-Chip (SoC) infrastructure IP applications, and a large user community. Additionally, the controller uses ARM’s Thumb®-compatible Thumb-2 instruction set to reduce memory requirements and, thereby, cost.
Luminary Micro offers a complete solution to get to market quickly, with a customer development board, white papers and application notes, and a strong support, sales, and distributor network.

Product Features
The LM3S617 microcontroller includes the following product features:
■ 32-Bit RISC Performance
    – 32-bit ARM® Cortex™-M3 v7M architecture optimized for small-footprint embedded applications
    – System timer (SysTick) provides a simple, 24-bit clear-on-write, decrementing, wrap-on-zero counter with a flexible control mechanism
    – Thumb®-compatible Thumb-2-only instruction set processor core for high code density
    – 50-MHz operation
    – Hardware-division and single-cycle-multiplication
    – Integrated Nested Vectored Interrupt Controller (NVIC) providing deterministic interrupt handling
    – 26 interrupts with eight priority levels
    – Memory protection unit (MPU) provides a privileged mode for protected operating system functionality
    – Unaligned data access, enabling data to be efficiently packed into memory
    – Atomic bit manipulation (bit-banding) delivers maximum memory utilization and streamlined peripheral control
■ Internal Memory
    – 32-KB single-cycle flash
        • User-managed flash block protection on a 2-KB block basis
        • User-managed flash data programming
        • User-defined and managed flash-protection block
    – 8-KB single-cycle SRAM
■ General-Purpose Timers
    – Three timers, each of which can be configured: as a single 32-bit timer, as two 16-bit timers, or to initiate an ADC event
    – 32-bit Timer modes:
        • Programmable one-shot timer
        • Programmable periodic timer
        • Real-Time Clock when using an external 32.768-KHz clock as the input
        • User-enabled stalling in periodic and one-shot mode when the controller asserts the CPU Halt flag during debug
        • ADC event trigger
    – 16-bit Timer modes:
        • General-purpose timer function with an 8-bit prescaler
        • Programmable one-shot timer
        • Programmable periodic timer
        • User-enabled stalling when the controller asserts CPU Halt flag during debug
        • ADC event trigger
    – 16-bit Input Capture modes:
        • Input edge count capture
        • Input edge time capture
    – 16-bit PWM mode:
        • Simple PWM mode with software-programmable output inversion of the PWM signal
(Continue ...)




Similar Part No. - LM3S617

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3S617 TI1-LM3S617 Datasheet
4Mb / 553P
Stellaris LM3S617 Microcontroller
LM3S617-EQN50-C2 TI1-LM3S617-EQN50-C2 Datasheet
4Mb / 553P
Stellaris LM3S617 Microcontroller
LM3S617-EQN50-C2T TI1-LM3S617-EQN50-C2T Datasheet
4Mb / 553P
Stellaris LM3S617 Microcontroller
LM3S617-IQN50-C2 TI1-LM3S617-IQN50-C2 Datasheet
4Mb / 553P
Stellaris LM3S617 Microcontroller
LM3S617-IQN50-C2T TI1-LM3S617-IQN50-C2T Datasheet
4Mb / 553P
Stellaris LM3S617 Microcontroller
More results


Similar Description - LM3S617

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
Microcontroller
LM4F111B2QR TI1-LM4F111B2QR Datasheet
5Mb / 1113P
Microcontroller
LM4F111E5QR TI1-LM4F111E5QR Datasheet
5Mb / 1114P
Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
Microcontroller
LM3S1110 TI1-LM3S1110 Datasheet
4Mb / 539P
Microcontroller
logo
Renesas Technology Corp
S5D9 RENESAS-S5D9 Datasheet
2Mb / 115P
Microcontroller
logo
List of Unclassifed Man...
N79E855 ETC2-N79E855 Datasheet
3Mb / 180P
Microcontroller
W567BXXX ETC2-W567BXXX Datasheet
494Kb / 13P
microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com