|
[Luminary Micro, Inc.]
Architectural Overview The Luminary Micro Stellaris® family of microcontrollers—the first ARM® Cortex™-M3 based controllers—brings high-performance 32-bit computing to cost-sensitive embedded microcontroller applications. These pioneering parts deliver customers 32-bit performance at a cost equivalent to legacy 8- and 16-bit devices, all in a package with a small footprint. The LM3S612 controller in the Stellaris family offers the advantages of ARM’s widely available development tools, System-on-Chip (SoC) infrastructure IP applications, and a large user community. Additionally, the controller uses ARM’s Thumb®-compatible Thumb-2 instruction set to reduce memory requirements and, thereby, cost. Luminary Micro offers a complete solution to get to market quickly, with a customer development board, white papers and application notes, and a strong support, sales, and distributor network.
Product Features The LM3S612 microcontroller includes the following product features: ■ 32-Bit RISC Performance – 32-bit ARM® Cortex™-M3 v7M architecture optimized for small-footprint embedded applications – System timer (SysTick) provides a simple, 24-bit clear-on-write, decrementing, wrap-on-zero counter with a flexible control mechanism – Thumb®-compatible Thumb-2-only instruction set processor core for high code density – 50-MHz operation – Hardware-division and single-cycle-multiplication – Integrated Nested Vectored Interrupt Controller (NVIC) providing deterministic interrupt handling – 25 interrupts with eight priority levels – Memory protection unit (MPU) provides a privileged mode for protected operating system functionality – Unaligned data access, enabling data to be efficiently packed into memory – Atomic bit manipulation (bit-banding) delivers maximum memory utilization and streamlined peripheral control ■ Internal Memory – 32-KB single-cycle flash • User-managed flash block protection on a 2-KB block basis • User-managed flash data programming • User-defined and managed flash-protection block – 8-KB single-cycle SRAM ■ General-Purpose Timers – Three timers, each of which can be configured: as a single 32-bit timer, as two 16-bit timers, or to initiate an ADC event – 32-bit Timer modes: • Programmable one-shot timer • Programmable periodic timer • Real-Time Clock when using an external 32.768-KHz clock as the input • User-enabled stalling in periodic and one-shot mode when the controller asserts the CPU Halt flag during debug • ADC event trigger – 16-bit Timer modes: • General-purpose timer function with an 8-bit prescaler • Programmable one-shot timer • Programmable periodic timer • User-enabled stalling when the controller asserts CPU Halt flag during debug • ADC event trigger – 16-bit Input Capture modes: • Input edge count capture • Input edge time capture – 16-bit PWM mode: • Simple PWM mode with software-programmable output inversion of the PWM signal (Continue ...)
|