Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3251E Datasheet (PDF) - Analog Devices

ADM3251E Datasheet PDF - Analog Devices
Part # ADM3251E
Download  ADM3251E Download
File Size   133.34 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated Single Channel RS-232 Line Driver/Receiver

ADM3251E Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM3251E Datasheet PDF - Analog Devices

Part # ADM3251E
Download  ADM3251E Click to download

File Size   133.34 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated Single Channel RS-232 Line Driver/Receiver

ADM3251E Datasheet (HTML) - Analog Devices


ADM3251E Product details

GENERAL DESCRIPTION
The ADM3251E is a high speed, 2.5 kV fully isolated, single-channel RS-232/V.28 transceiver device that operates from a single 5 V power supply. Due to the high ESD protection on the RIN and TOUT pins, the device is ideally suited for operation in electrically harsh environments or where RS-232 cables are frequently being plugged and unplugged.

FEATURES
   2.5 kV fully isolated (power and data) RS-232 transceiver
   isoPower integrated, isolated dc-to-dc converter
   460 kbps data rate
   1 Tx and 1 Rx
   Meets EIA/TIA-232E specifications
   ESD protection on RIN and TOUT pins
      ±8 kV: contact discharge
      ±15 kV: air gap discharge
   0.1 μF charge pump capacitors
   High common-mode transient immunity: >25 kV/μs
   Safety and regulatory approvals
      UL recognition
         2500 V rms for 1 minute per UL 1577
      VDE Certificate of Conformity
         DIN EN 60747-5-2 (VDE 0884 Teil 2): 2003-01
      CSA Component Acceptance Notice #5A
   Operating temperature range: −40°C to +85°C
   Wide body, 20-lead SOIC package

APPLICATIONS
   High noise data communications
   Industrial communications
   General-purpose RS-232 data links
   Industrial/telecommunications diagnostic ports
   Medical equipment




Similar Part No. - ADM3251E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3251E AD-ADM3251E Datasheet
382Kb / 16P
Isolated, Single-Channel RS-232 Line Driver/Receiver
REV. 0
ADM3251E AD-ADM3251E Datasheet
272Kb / 16P
Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. E
ADM3251E AD-ADM3251E Datasheet
738Kb / 4P
Digital Isolator Product Selection and Resource Guide
ADM3251E AD-ADM3251E Datasheet
357Kb / 16P
Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. G
ADM3251EARWZ AD-ADM3251EARWZ Datasheet
382Kb / 16P
Isolated, Single-Channel RS-232 Line Driver/Receiver
REV. 0
More results


Similar Description - ADM3251E

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4711B NEC-UPD4711B Datasheet
93Kb / 12P
RS-232 LINE DRIVER/RECEIVER
UPD4712C NEC-UPD4712C Datasheet
80Kb / 12P
RS-232 LINE DRIVER/RECEIVER
UPD4713A NEC-UPD4713A Datasheet
105Kb / 16P
RS-232 LINE DRIVER/RECEIVER
UPD4714A NEC-UPD4714A Datasheet
83Kb / 16P
RS-232 LINE DRIVER/RECEIVER
UPD4715A NEC-UPD4715A Datasheet
66Kb / 12P
RS-232 LINE DRIVER/RECEIVER
logo
Analog Devices
ADM3251E AD-ADM3251E_1 Datasheet
382Kb / 16P
Isolated, Single-Channel RS-232 Line Driver/Receiver
REV. 0
ADM3251E_VE AD-ADM3251E_VE Datasheet
272Kb / 16P
Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. E
ADM3252E AD-ADM3252E Datasheet
352Kb / 16P
Isolated, Dual Channel, RS-232 Line Driver/Receiver
REV. 0
ADM3251E AD-ADM3251E_V01 Datasheet
357Kb / 16P
Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. G
ADM3252E AD-ADM3252E_V01 Datasheet
435Kb / 16P
Isolated, Dual Channel, RS-232 Line Driver/Receiver
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com