Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4KE15A Datasheet (PDF) - TAITRON Components Incorporated

MP4KE15A Datasheet PDF - TAITRON Components Incorporated
Part # MP4KE15A
Download  MP4KE15A Download
File Size   209.87 Kbytes
Page   5 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 400W Transient Voltage Suppressor

MP4KE15A Datasheet (PDF)

Go To PDF Page Download Datasheet
MP4KE15A Datasheet PDF - TAITRON Components Incorporated

Part # MP4KE15A
Download  MP4KE15A Click to download

File Size   209.87 Kbytes
Page   5 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 400W Transient Voltage Suppressor

MP4KE15A Datasheet (HTML) - TAITRON Components Incorporated




Similar Part No. - MP4KE15A

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
MP4 EMERSON-NETWORKPOWER-MP4 Datasheet
411Kb / 8P
Current share on all outputs with ratings of 10 A or greater
logo
GREATECS
MP4 GREATECS-MP4 Datasheet
174Kb / 1P
Micro Switches 16A 125/250VAC
logo
Mercury United Electron...
MP4 MERCURY-MP4 Datasheet
116Kb / 1P
Surface Mount Crystals
logo
EUROQUARTZ limited
MP4 EUROQUARTZ-MP4 Datasheet
152Kb / 1P
12 x 4.5mm Compatible SMD Crystal
logo
List of Unclassifed Man...
MP4-10B ETC2-MP4-10B Datasheet
412Kb / 2P
Flush and extended pushbuttons Non-illuminated Momentary and maintained
More results


Similar Description - MP4KE15A

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
P4KE COMCHIP-P4KE Datasheet
99Kb / 4P
400W Transient Voltage Suppressor
logo
TAITRON Components Inco...
P4KE6 TAITRON-P4KE6 Datasheet
198Kb / 5P
400W Transient Voltage Suppressor
logo
Comchip Technology
P4KE-G COMCHIP-P4KE-G Datasheet
113Kb / 4P
400W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P4KE6.8-LF SIRECT-P4KE6.8-LF Datasheet
129Kb / 4P
400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P4KE-G COMCHIP-P4KE-G_12 Datasheet
131Kb / 6P
400W Transient Voltage Suppressor
P4KE-HF COMCHIP-P4KE-HF Datasheet
105Kb / 4P
400W Transient Voltage Suppressor
logo
Sangdest Microelectroni...
P4KE SMC-P4KE Datasheet
297Kb / 6P
400W TRANSIENT VOLTAGE SUPPRESSOR
logo
WeEn Semiconductors
P4SOD WEEN-P4SOD Datasheet
601Kb / 7P
400W Transient Voltage Suppressor
SMAJ WEEN-SMAJ Datasheet
616Kb / 7P
400W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P4KE LEIDITECH-P4KE Datasheet
1Mb / 5P
400W Transient Voltage Suppressor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com