Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V53C518165A Datasheet (PDF) - Mosel Vitelic, Corp

V53C518165A Datasheet PDF - Mosel Vitelic, Corp
Part # V53C518165A
Download  V53C518165A Download
File Size   193.79 Kbytes
Page   28 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 1M x 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH

V53C518165A Datasheet (PDF)

Go To PDF Page Download Datasheet
V53C518165A Datasheet PDF - Mosel Vitelic, Corp

Part # V53C518165A
Download  V53C518165A Click to download

File Size   193.79 Kbytes
Page   28 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 1M x 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH

V53C518165A Datasheet (HTML) - Mosel Vitelic, Corp


V53C518165A Product details

Description
The V53C518165A is a 1048576 x 16 bit highperformance CMOS dynamic random access memory. The V53C518165A offers Page mode operation with Extended Data Output. The V53C518165A has symmetric address, 10-bit row and 10-bit column.
All inputs are TTL compatible. EDO Page Mode operation allows random access up to 1024 x 16 bits, within a page, with cycle times as short as 20ns.
These features make the V53C518165A ideally suited for a wide variety of high performance computer systems and peripheral applications.

Features
■ 1MB x 16-bit organization
■ EDO Page Mode for a sustained data rate of 50 MHz
■ RAS access time: 50, 60 ns
■ Dual CAS Inputs
■ Low power dissipation
■ Read-Modify-Write, RAS-Only Refresh, CAS-Before-RAS Refresh
    • Refresh Interval: 1024 cycles/16 ms
■ Available in 42-pin 400 mil SOJ and 44/50-pin 400 mil TSOP-II Packages
■ Single 5V ±10% Power Supply
■ TTL Interface
■ Optional Self Refresh (V53C518165AS)
    • Refresh Interval: 1024 cycles/128 ms




Similar Part No. - V53C518165A

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C516400A MOSEL-V53C516400A Datasheet
172Kb / 24P
4M x 4 FAST PAGE MODE CMOS DYNAMIC RAM
V53C516400A50 MOSEL-V53C516400A50 Datasheet
172Kb / 24P
4M x 4 FAST PAGE MODE CMOS DYNAMIC RAM
V53C516400A60 MOSEL-V53C516400A60 Datasheet
172Kb / 24P
4M x 4 FAST PAGE MODE CMOS DYNAMIC RAM
V53C516405A MOSEL-V53C516405A Datasheet
170Kb / 24P
4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C516405A50 MOSEL-V53C516405A50 Datasheet
170Kb / 24P
4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
More results


Similar Description - V53C518165A

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16256SH MOSEL-V53C16256SH Datasheet
145Kb / 19P
256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH
V53C16258H MOSEL-V53C16258H Datasheet
556Kb / 20P
HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258L MOSEL-V53C16258L Datasheet
154Kb / 20P
HIGH PERFORMANCE 3.3 VOLT 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258SH MOSEL-V53C16258SH Datasheet
154Kb / 20P
HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM SELF REFRESH
V53C318165A MOSEL-V53C318165A Datasheet
266Kb / 18P
3.3 VOLT 1M X 16 EDO PAGE MODE CMOS DYNAMIC RAM
V53C808H MOSEL-V53C808H Datasheet
136Kb / 18P
HIGH PERFORMANCE 1M x 8 BIT EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
logo
AMIC Technology
A420616 AMICC-A420616 Datasheet
272Kb / 25P
1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
272Kb / 25P
1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com