| Manufacturer | Part # | Datasheet | Description |
 STMicroelectronics |
STB40NF10L
|
435Kb / 9P |
N-CHANNEL 100V - 0.028Ω - 40A D2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Apr-2001 |
|
STD15NF10
|
412Kb / 13P |
N-channel 100V - 0.060ohm- 23A - DPAK Low gate charge STripFET II Power MOSFET
08-Aug-2006 |
|
STD25NF10
|
437Kb / 9P |
N-CHANNEL 100V - 0.033ohm - 25A DPAK LOW GATE CHARGE STripFET™ POWER MOSFET
May-2002 |
|
STL35NF10
|
165Kb / 6P |
N-CHANNEL 100V - 0.025ohm - 35A PowerFLAT™ LOW GATE CHARGE STripFET™ MOSFET
Aug-2001 |
|
STP24NF10
|
48Kb / 6P |
N - CHANNEL 100V - 0.07ohm - 24A TO-220 LOW GATE CHARGE STripFET POWER MOSFET
Apr-2000 |
|
STP35NF10
|
466Kb / 10P |
N-CHANNEL 100V - 0.030ohm - 40A TO-220 / D2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Apr-2003 |
|
STP40NF10L
|
272Kb / 8P |
N-CHANNEL 100V - 0.028ohm - 40A TO-220 LOW GATE CHARGE STripFET POWER MOSFET
Jun-2002 |
|
STW80NF10
|
251Kb / 8P |
N-CHANNEL 100V - 0.012ohm - 80A TO-247 LOW GATE CHARGE STripFET™ POWER MOSFET
Apr-2001 |
|
STP135N10
|
204Kb / 8P |
N-CHANNEL 100V - 0.007 ohm - 135A DPAK/TO-220 LOW GATE CHARGE STripFET POWER MOSFET
Jul-2003 |
|
STP40NF10
|
238Kb / 12P |
N-channel 100V - 0.025??- 50A TO-220 Low gate charge STripFET??II Power MOSFET
31-Jan-2007 |