| Manufacturer | Part # | Datasheet | Description |
 STMicroelectronics |
STB160NF03L
|
431Kb / 9P |
N-CHANNEL 30V - 0.0021ohm - 160A D2PAK STripFET™ POWER MOSFET
February 2001 |
|
STB160NF3LL
|
174Kb / 7P |
N-CHANNEL 30V - 0.0026 ohm - 160A D2PAK STripFET™ II POWER MOSFET
May 2002 |
|
STB3020L
|
85Kb / 8P |
N - CHANNEL 30V - 0.019ohm - 40A - D2PAK STripFET] POWER MOSFET
Mar-1999 |
|
STB40NF03L
|
84Kb / 8P |
N - CHANNEL 30V - 0.020 ohm - 40A D2PAK STripFET POWER MOSFET
Oct-1999 |
|
STB60NF03L
|
48Kb / 6P |
N-CHANNEL 30V - 0.008 ohm - 60A D2PAK STripFET POWER MOSFET
Sep-1999 |
|
STB70NF3LL
|
45Kb / 6P |
N-CHANNEL 30V - 0.008 ohm - 70A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
May-2000 |
|
STB75NE75
|
86Kb / 8P |
N - CHANNEL 75V - 0.01 ohm - 75A - D2PAK STripFET] POWER MOSFET
Mar-1999 |
|
STP55NF03L
|
338Kb / 8P |
N-CHANNEL 30V - 0.01 ohm - 55A TO-220/D2PAK/I2PAK STripFET™II POWER MOSFET
February 2001 |
|
STB55NF03L-1
|
338Kb / 11P |
N-CHANNEL 30V - 0.01 W - 55A TO-220/D2PAK/I2PAK STripFET II POWER MOSFET
Mar-2002 |
|
STB230NH03L
|
414Kb / 13P |
N-channel 30V - 80A - D2PAK STripFET??Power MOSFET
08-Jun-2007 |