Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JP506S Datasheet (PDF) - Anaren Microwave

JP506S Datasheet PDF - Anaren Microwave
Part # JP506S
Download  JP506S Download
File Size   514.31 Kbytes
Page   4 Pages
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave
Description Pico Xinger 6dB Directional Coupler

JP506S Datasheet (PDF)

Go To PDF Page Download Datasheet
JP506S Datasheet PDF - Anaren Microwave

Part # JP506S
Download  JP506S Click to download

File Size   514.31 Kbytes
Page   4 Pages
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave
Description Pico Xinger 6dB Directional Coupler

JP506S Datasheet (HTML) - Anaren Microwave


JP506S Product details

Description
The JP506S is a low profile 6dB directional coupler in an easy to use surface mount package covering the WCDMA and other 3G applications. The JP506S is ideal for inline split/combine amplifiers, for power injection, and can be used in most high power designs. Parts have been subjected to rigorous qualification testing and units are 100% tested. They are manufactured using materials with x and y thermal expansion coefficients compatible with common substrates such as FR4, G-10 and polyimide.

Features:
• 2.0 - 2.3GHz
• Low loss
• High Directivity
• Surface Mountable
• Tape And Reel
• Convenient Package
• 100% Tested
• Lead Free




Similar Part No. - JP506S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
JP506 ANAREN-JP506 Datasheet
309Kb / 4P
Pico Xinger 6dB Directional Coupler
More results


Similar Description - JP506S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
1P510 ANAREN-1P510 Datasheet
400Kb / 4P
PICO XINGER 10dB DIRECTIONAL COUPLER
1P520 ANAREN-1P520 Datasheet
145Kb / 4P
Pico Xinger 20dB Directional Coupler
1P520S ANAREN-1P520S Datasheet
503Kb / 4P
Pico Xinger 20dB Directional Coupler
1P610 ANAREN-1P610 Datasheet
161Kb / 4P
Pico Xinger 10dB Directional Coupler
1P610S ANAREN-1P610S Datasheet
513Kb / 4P
Pico Xinger 10dB Directional Coupler
1P620 ANAREN-1P620 Datasheet
163Kb / 4P
Pico Xinger 20dB Directional Coupler
1P620S ANAREN-1P620S Datasheet
514Kb / 4P
Pico Xinger 20dB Directional Coupler
JP506 ANAREN-JP506 Datasheet
309Kb / 4P
Pico Xinger 6dB Directional Coupler
JP520S ANAREN-JP520S Datasheet
502Kb / 4P
Pico Xinger 20dB Directional Coupler
1P520S ANAREN-1P520S_14 Datasheet
505Kb / 5P
Pico Xinger 20dB Directional Coupler
More results




About Anaren Microwave


Anaren Microwave is a company that designs and manufactures high-frequency microwave components and subsystems for the aerospace and defense industries, as well as the wireless communication industry. The company was founded in 1967 and is headquartered in Syracuse, New York.

Anaren Microwave's products include RF amplifiers, filters, couplers, power dividers, and other passive and active microwave components. The company also offers custom-designed microwave subsystems, including signal generators, receivers, and transmitters, that are used in a variety of applications, such as radar systems, satellite communications, and electronic warfare.

Anaren Microwave is known for its advanced technology and manufacturing capabilities, including surface mount technology, microelectronic packaging, and automated testing. The company has a strong focus on research and development, with a team of engineers and scientists working to develop new products and technologies.

In 2018, Anaren Microwave was acquired by TTM Technologies, a leading manufacturer of printed circuit boards and other electronic components. Today, Anaren Microwave operates as a division of TTM Technologies, continuing to provide high-quality microwave components and subsystems to customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com