Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3039 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AP3039 Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AP3039
Download  AP3039 Download
File Size   286.24 Kbytes
Page   16 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description BOOST CONTROLLER

AP3039 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3039 Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AP3039
Download  AP3039 Click to download

File Size   286.24 Kbytes
Page   16 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description BOOST CONTROLLER

AP3039 Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


AP3039 Product details

General Description

AP3039 is a current mode high voltage low-side N channel MOSFET controller which is ideal for boost regulators. It contains all the features needed to implement single ended primary topology DC/DC converters.

The input voltage range of AP3039 is from 5V to 27V. Its operation frequency is adjustable from 200kHz to 1MHz.

The AP3039 has UVLO (Under Voltage Lock Out) circuit. It uses two external resistors to set the UVLO voltage. The AP3039 also has an over output voltage protection to limit the output voltage. The OVP voltage can be set through external resistors. If the output voltage is higher than the OVP high threshold point, it will disable the driver, when the output voltage drops to the OVP low threshold point, it will enable the driver. It also features a soft start to reduce the inrush current when power on, the soft start time can be set through an external capacitor.



Features

· Input Voltage Range 5V to 27V

· 0.6A Peak MOSFET Gate Driver

· 20ns Quick MOSFET Gate Driver

· Duty Cycle Limit of 90%

· Programmable UVLO

· Programmable Over Voltage Protection

· Cycle by Cycle Current Limit

· Adjustable Soft-Start

· Adjustable Operation Frequency from 200kHz to 1MHz



Applications

· LED Lighting

· Notebook

· LCD Display Modules



 




Similar Part No. - AP3039

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3039 BCDSEMI-AP3039 Datasheet
812Kb / 19P
BOOST CONTROLLER
AP3039FNTR-G1 BCDSEMI-AP3039FNTR-G1 Datasheet
812Kb / 19P
BOOST CONTROLLER
AP3039M-G1 BCDSEMI-AP3039M-G1 Datasheet
812Kb / 19P
BOOST CONTROLLER
AP3039MTR-G1 BCDSEMI-AP3039MTR-G1 Datasheet
812Kb / 19P
BOOST CONTROLLER
AP3039 BCDSEMI-AP3039_09 Datasheet
812Kb / 19P
BOOST CONTROLLER
More results


Similar Description - AP3039

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA4863 INFINEON-TDA4863 Datasheet
378Kb / 27P
Boost Controller
V1.0, May 2003
logo
BCD Semiconductor Manuf...
AP3039 BCDSEMI-AP3039_09 Datasheet
812Kb / 19P
BOOST CONTROLLER
logo
Microsemi Corporation
NX2158 MICROSEMI-NX2158 Datasheet
124Kb / 5P
PWM BOOST CONTROLLER
logo
Infineon Technologies A...
TLD5095EL INFINEON-TLD5095EL Datasheet
1Mb / 31P
DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.1, 2009-12-16
TLD5098EL INFINEON-TLD5098EL Datasheet
1Mb / 39P
DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.0, 2010-10-13
TLE8386EL INFINEON-TLE8386EL Datasheet
1Mb / 26P
Smart Boost Controller
Rev. 1.0, 2009-11-30
logo
Diodes Incorporated
AL3022 DIODES-AL3022 Datasheet
435Kb / 12P
PWM BOOST CONTROLLER
Rev 3
logo
Feeling Technology Corp...
FP5139 FEELING-FP5139 Datasheet
432Kb / 15P
Asynchronous Boost Controller
logo
Shenzhen Huazhimei Semi...
HM3443 HMSEMI-HM3443 Datasheet
563Kb / 5P
Boost/buck-boost DC-DC controller
HM5174 HMSEMI-HM5174 Datasheet
968Kb / 12P
SYNCHRONOUS BOOST CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com