Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5920A Datasheet (PDF) - NIHON DEMPA KOGYO

5920A Datasheet PDF - NIHON DEMPA KOGYO
Part # 5920A
Download  5920A Download
File Size   83.97 Kbytes
Page   1 Pages
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO
Description Temperature-Compensated Crystal Oscillator (TCXO)

5920A Datasheet (PDF)

Go To PDF Page Download Datasheet
5920A Datasheet PDF - NIHON DEMPA KOGYO

Part # 5920A
Download  5920A Click to download

File Size   83.97 Kbytes
Page   1 Pages
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO
Description Temperature-Compensated Crystal Oscillator (TCXO)

5920A Datasheet (HTML) - NIHON DEMPA KOGYO




Similar Part No. - 5920A

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5920 ALPHAWIRE-5920 Datasheet
410Kb / 4P
28 (7/36) AWG Tinned Copper
logo
Anderson Power Products...
5920 APP-5920 Datasheet
1Mb / 9P
SBE® 160 / SBX® 175 Connectors Up to 280 Amps
REV 8
logo
Belden Inc.
5920 BELDEN-5920 Datasheet
528Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset: Male straight D-coded
02-03-2025
logo
Anderson Power Products...
5920-BK APP-5920-BK Datasheet
885Kb / 6P
Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
5920-BK APP-5920-BK Datasheet
1Mb / 9P
SBE® 160 / SBX® 175 Connectors Up to 280 Amps
REV 8
More results


Similar Description - 5920A

ManufacturerPart #DatasheetDescription
logo
Epson Company
TG-5001LA EPSON-TG-5001LA Datasheet
241Kb / 2P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR (VC-TCXO)
logo
Fox Electronics
FOX789A FOX-FOX789A Datasheet
215Kb / 1P
TCXO SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
logo
NIHON DEMPA KOGYO
5925A NDK-5925A Datasheet
78Kb / 1P
Temperature-Compensated Crystal Oscillator (TCXO)
5921A NDK-5921A Datasheet
91Kb / 1P
Temperature-Compensated Crystal Oscillator (TCXO)
NT2520SB NDK-NT2520SB Datasheet
292Kb / 1P
Temperature Compensated Crystal Oscillator (TCXO) NT2520S Series
NT7050BB NDK-NT7050BB Datasheet
573Kb / 1P
Temperature Compensated Crystal Oscillator (TCXO)
logo
Advanced XTAL Products
AXLE1000 AXTAL-AXLE1000 Datasheet
107Kb / 4P
UHF Temperature Compensated Crystal Oscillator (TCXO)
logo
NIHON DEMPA KOGYO
NT5032BA NDK-NT5032BA Datasheet
703Kb / 1P
High Precision Temperature Compensated Crystal Oscillator (TCXO)
logo
Fronter Electronics Co....
TCXO-SMD3225 FRONTER-TCXO-SMD3225 Datasheet
128Kb / 1P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR(TCXO) FOR GPS
logo
Epson Company
X1G0054410316XX EPSON-X1G0054410316XX Datasheet
519Kb / 8P
Temperature Compensated Crystal Oscillator (TCXO)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com