Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMCF326BR Datasheet (PDF) - Analog Devices

ADMCF326BR Datasheet PDF - Analog Devices
Part # ADMCF326BR
Download  ADMCF326BR Download
File Size   242.0 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 28-Lead Flash Memory DSP Motor Controller

ADMCF326BR Datasheet (PDF)

Go To PDF Page Download Datasheet
ADMCF326BR Datasheet PDF - Analog Devices

Part # ADMCF326BR
Download  ADMCF326BR Click to download

File Size   242.0 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 28-Lead Flash Memory DSP Motor Controller

ADMCF326BR Datasheet (HTML) - Analog Devices


ADMCF326BR Product details

GENERAL DESCRIPTION

The ADMCF326 is a low cost, single-chip DSP-based controller, suitable for permanent magnet synchronous motors, ac induction motors, and brushless dc motors. The ADMCF326 integrates a 20 MIPS, fixed-point DSP core with a complete set of motor control and system peripherals that permits fast, efficient devel opment of motor controllers.



FEATURES

20 MIPS Fixed-Point DSP Core

  Single Cycle Instruction Execution (50 ns)

  ADSP-21xx Family Code Compatible

  Independent Computational Units

    ALU

    Multiplier/Accumulator

    Barrel Shifter

  Multifunction Instructions

  Single Cycle Context Switch

  Powerful Program Sequencer

    Zero Overhead Looping

    Conditional Instruction Execution

  Two Independent Data Address Generators

Memory Configuration

  512  24-Bit Program Memory RAM

  512 16-Bit Data Memory RAM

  4K  24-Bit Program Memory ROM

  4K  24-Bit Program Flash Memory

    Three Independent Programmable Sectors

    Security Lock Bit

    10K Erase/Program Cycles

Three-Phase 16-Bit PWM Generator

  16-Bit Center-Based PWM Generator

  Programmable Dead Time and Narrow Pulse Deletion

  Edge Resolution to 50 ns

  150 Hz Minimum Switching Frequency

  Double/Single Duty Cycle Update Mode Control

  Programmable PWM Pulsewidth

  Special Crossover Function for Brushless DC Motors

  Individual Enable and Disable for Each PWM Output

  High Frequency Chopping Mode for Transformer

    Coupled Gate Drives

  External PWMTRIP Pin

Integrated ADC Subsystem

  Six Analog Inputs

  Acquisition Synchronized to PWM Switching Frequency

  Internal Voltage Reference

9-Pin Digital I/O Port

  Bit Configurable as Input or Output

  Change of State Interrupt Support

Two 8-Bit Auxiliary PWM Timers

  Synthesized Analog Output

  Programmable Frequency

  0% to 100% Duty Cycle

  Two Programmable Operational Modes

    Independent Mode/Offset Mode

16-Bit Watchdog Timer

Programmable 16-Bit Internal Timer with Prescaler

Double Buffered Synchronous Serial Port

Hardware Support for UART Emulation

Integrated Power-On Reset Function Options

28-Lead SOIC and PDIP Packages Available



TARGET APPLICATIONS

Washing Machines, Refrigerator Compressors, Fans, Pumps, Industrial Variable Speed Drives



MOTOR TYPES

AC Induction Motors

Permanent Magnet Synchronous Motors (PMSM)

Brushless DC Motors (BDCM)




Similar Part No. - ADMCF326BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMCF326BRZ AD-ADMCF326BRZ Datasheet
528Kb / 36P
28-Lead Flash Memory DSP Motor Controller
REV. B
More results


Similar Description - ADMCF326BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMC326 AD-ADMC326 Datasheet
219Kb / 31P
28-Lead ROM-Based DSP Motor Controller
REV.A
ADMC328 AD-ADMC328 Datasheet
234Kb / 32P
28-Lead ROM-Based DSP Motor Controller with Current Sense
REV.B
ADMCF327 AD-ADMCF327 Datasheet
253Kb / 36P
28-Lead Flash Memory DSP Switched Reluctance Motor Controller
REV.0
ADMCF326BRZ AD-ADMCF326BRZ Datasheet
528Kb / 36P
28-Lead Flash Memory DSP Motor Controller
REV. B
ADMCF328-EVALKIT AD-ADMCF328-EVALKIT Datasheet
999Kb / 36P
28-Lead Flash Memory DSP Motor Controller with Current Sense
REV. A
ADMC326 AD-ADMC326_15 Datasheet
240Kb / 32P
28-Lead ROM-Based DSP Motor Controller
REV. C
ADMC328 AD-ADMC328_15 Datasheet
248Kb / 32P
28-Lead ROM-Based DSP Motor Controller with Current Sense
REV. C
ADMCF326 AD-ADMCF326_15 Datasheet
528Kb / 36P
28-Lead Flash Memory DSP Motor Controller
REV. B
ADMCF328 AD-ADMCF328_15 Datasheet
999Kb / 36P
28-Lead Flash Memory DSP Motor Controller with Current Sense
REV. A
ADMCF327 AD-ADMCF327_15 Datasheet
241Kb / 36P
28-Lead Flash Memory DSP Switched Reluctance Motor Controller
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com