Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V62C3162048L Datasheet (PDF) - Mosel Vitelic, Corp

V62C3162048L Datasheet PDF - Mosel Vitelic, Corp
Part # V62C3162048L
Download  V62C3162048L Download
File Size   109.19 Kbytes
Page   13 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description Ultra Low Power 128K x 16 CMOS SRAM

V62C3162048L Datasheet (PDF)

Go To PDF Page Download Datasheet
V62C3162048L Datasheet PDF - Mosel Vitelic, Corp

Part # V62C3162048L
Download  V62C3162048L Click to download

File Size   109.19 Kbytes
Page   13 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description Ultra Low Power 128K x 16 CMOS SRAM

V62C3162048L Datasheet (HTML) - Mosel Vitelic, Corp


V62C3162048L Product details

Functional Description
The V62C3162048L is a Low Power CMOS Static RAM organized as 131,072 words by 16 bits.

Features
• Low-power consumption
   - Active: 65mA ICC at 35ns
   - Stand-by: 10 μA (CMOS input/output)
                      2 μA (CMOS input/output, L version)
• 35/45/55/70/85/100 ns access time
• Equal access and cycle time
• Single +2.7V to3.3V Power Supply
• Tri-state output
• Automatic power-down when deselected
• Multiple center power and ground pins for improved noise immunity
• Individual byte controls for both Read and Write cycles
• Available in 44 pin TSOP II / 48-fpBGA




Similar Part No. - V62C3162048L

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C3161024L MOSEL-V62C3161024L Datasheet
89Kb / 10P
Ultra Low Power 64K x 16 CMOS SRAM
V62C3161024L-100T MOSEL-V62C3161024L-100T Datasheet
89Kb / 10P
Ultra Low Power 64K x 16 CMOS SRAM
V62C3161024L-55T MOSEL-V62C3161024L-55T Datasheet
89Kb / 10P
Ultra Low Power 64K x 16 CMOS SRAM
V62C3161024L-70T MOSEL-V62C3161024L-70T Datasheet
89Kb / 10P
Ultra Low Power 64K x 16 CMOS SRAM
V62C3161024L-85T MOSEL-V62C3161024L-85T Datasheet
89Kb / 10P
Ultra Low Power 64K x 16 CMOS SRAM
More results


Similar Description - V62C3162048L

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C1162048L MOSEL-V62C1162048L Datasheet
109Kb / 11P
Ultra Low Power 128K x 16 CMOS SRAM
V62C1801024L MOSEL-V62C1801024L Datasheet
92Kb / 10P
Ultra Low Power 128K x 8 CMOS SRAM
V62C2162048L MOSEL-V62C2162048L Datasheet
117Kb / 13P
Ultra Low Power 128K x 16 CMOS SRAM
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
Ultra Low Power 128K x 8 CMOS SRAM
V62C3801024L MOSEL-V62C3801024L Datasheet
91Kb / 10P
Ultra Low Power 128K x 8 CMOS SRAM
logo
Brilliance Semiconducto...
BS616UV2011 BSI-BS616UV2011 Datasheet
237Kb / 11P
Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019 Datasheet
267Kb / 9P
Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019_06 Datasheet
172Kb / 11P
Ultra Low Power CMOS SRAM 128K X 16 bit
logo
Lyontek Inc.
LY62L12816 LYONTEK-LY62L12816 Datasheet
178Kb / 13P
128K X 16 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS616UV2019 BSI-BS616UV2019_08 Datasheet
239Kb / 11P
Ultra Low Power CMOS SRAM 128K X 16 bit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com