Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ORT82G5 Datasheet (PDF) - Lattice Semiconductor

ORT82G5 Datasheet PDF - Lattice Semiconductor
Part # ORT82G5
Download  ORT82G5 Download
File Size   1467.55 Kbytes
Page   119 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description 0.6 to 3.7 Gbps XAUI and FC FPSCs

ORT82G5 Datasheet (PDF)

Go To PDF Page Download Datasheet
ORT82G5 Datasheet PDF - Lattice Semiconductor

Part # ORT82G5
Download  ORT82G5 Click to download

File Size   1467.55 Kbytes
Page   119 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description 0.6 to 3.7 Gbps XAUI and FC FPSCs

ORT82G5 Datasheet (HTML) - Lattice Semiconductor


ORT82G5 Product details

Introduction
Lattice Semiconductor has developed a family of next generation FPSCs intended for high-speed serial backplane data transmission. Built on the Series 4 reconfigurable embedded System-on-a-Chip (SoC) architecture, the ORT42G5 and ORT82G5 are made up of SERDES transceivers containing four and eight channels respectively. Each channel operates at up to 3.7 Gbps across 26 inches of FR-4 backplane, with a full-duplex synchronous interface with built-in Rx Clock and Data Recovery (CDR), and transmitter preemphasis, along with more than 400K usable FPGA system gates. The CDR circuitry available from Lattice’s high-speed I/O portfolio (sysHSI™), has already been proven in numerous applications, to create interfaces for SONET/SDH, Fibre Channel, and Ethernet (GbE, 10 GbE) applications.




Similar Part No. - ORT82G5

ManufacturerPart #DatasheetDescription
logo
Agere Systems
ORT82G5 AGERE-ORT82G5 Datasheet
1Mb / 92P
ORCA ORT82G5 1.0.1-25/2.0-2.5/3.125 Gbits/s Backplane Interface FPSC
July 2001
More results


Similar Description - ORT82G5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1501 TI-TLK1501 Datasheet
407Kb / 26P
0.6 TO 1.5 GBPS TRANCEIVER
TLK4015 TI-TLK4015 Datasheet
350Kb / 24P
QUAD 0.6 TO 1.5 Gbps TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC7280 VITESSE-VSC7280 Datasheet
444Kb / 2P
Dual XAUI - Dual XGMII Octal 0.95 Gbps to 3.25 Gbps Transceiver
VSC7281 VITESSE-VSC7281 Datasheet
436Kb / 2P
Dual XAUI - Single XGMII Quad 0.95 Gbps to 3.25 Gbps Transceiver
logo
Lattice Semiconductor
ORSO42G5 LATTICE-ORSO42G5 Datasheet
1Mb / 153P
0.6 to 2.7 Gbps SONET Backplane Interface FPSCs
logo
Texas Instruments
TLK3114SC TI1-TLK3114SC Datasheet
368Kb / 68P
10-Gbps XAUI Transceiver
TLK1501 TI1-TLK1501_12 Datasheet
1,004Kb / 32P
0.6 TO 1.5 GBPS TRANSCEIVER
TLK3114SA TI1-TLK3114SA_13 Datasheet
317Kb / 66P
10-Gbps XAUI Transceiver
TLK4015 TI1-TLK4015_09 Datasheet
437Kb / 26P
QUAB 0.6 to 1.5 Gbps TRANSCEIVER
TLK3114SA TI1-TLK3114SA Datasheet
328Kb / 68P
10-Gbps Xaui Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com