Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4951 Datasheet (PDF) - Maxim Integrated Products

MAX4951 Datasheet PDF - Maxim Integrated Products
Part # MAX4951
Download  MAX4951 Download
File Size   245.83 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SATA I/SATA II Bidirectional Re-Driver

MAX4951 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4951 Datasheet PDF - Maxim Integrated Products

Part # MAX4951
Download  MAX4951 Click to download

File Size   245.83 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SATA I/SATA II Bidirectional Re-Driver

MAX4951 Datasheet (HTML) - Maxim Integrated Products


MAX4951 Product details

General Description

The MAX4951 dual-channel buffer is designed to re-drive serial-ATA (SATA) I and SATA II signals and is functional up to 6.0Gbps for next-generation data rates. The MAX4951 can be placed near an eSATA connector to overcome board losses and produce an eSATA-compatible signal level.



Features

♦ Single +3.3V (typ) Supply Operation

♦ Supports SATA I (1.5Gbps) and SATA II (3.0Gbps)

♦ Supports up to 6.0Gbps for Next-Generation Applications

♦ Meets SATA I, SATA II Input-/Output-Return Loss Mask

♦ Supports eSATA Levels

♦ Supports SATA Out-of-Band (OOB) Signaling

♦ Internal Input/Output 50Ω Termination Resistors

♦ Inline Signal Traces for Flow-Through Layout

♦ ESD Protection on All Pins: ±5.5kV

♦ Space-Saving, 4mm x 4mm, TQFN Package



Applications

Servers

Desktop Computers

Notebook Computers

Docking Stations

Data Storage/Workstations



 




Similar Part No. - MAX4951

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4951 MAXIM-MAX4951 Datasheet
244Kb / 9P
SATA I/SATA II Bidirectional Re-Driver
Rev 1; 5/09
MAX4951AEEVKIT MAXIM-MAX4951AEEVKIT Datasheet
1Mb / 10P
Application Circuit with SATA Input/Output
Rev 0; 9/09
MAX4951AEEVKIT+ MAXIM-MAX4951AEEVKIT+ Datasheet
1Mb / 10P
Application Circuit with SATA Input/Output
Rev 0; 9/09
MAX4951BE MAXIM-MAX4951BE Datasheet
1Mb / 13P
SATA I/II/III Bidirectional Redriver with Input Equalization and Preemphasis
19-5023; Rev 1; 11/10
MAX4951BECTP+ MAXIM-MAX4951BECTP+ Datasheet
1Mb / 13P
SATA I/II/III Bidirectional Redriver with Input Equalization and Preemphasis
19-5023; Rev 1; 11/10
More results


Similar Description - MAX4951

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4951 MAXIM-MAX4951_09 Datasheet
244Kb / 9P
SATA I/SATA II Bidirectional Re-Driver
Rev 1; 5/09
logo
Axiomtek Co., Ltd.
FSA AXIOMTEK-FSA Datasheet
233Kb / 1P
SATA II standard interface
IMB204 AXIOMTEK-IMB204_16 Datasheet
231Kb / 1P
1 SATA-600 & 5 SATA-300
MANO881 AXIOMTEK-MANO881_16 Datasheet
262Kb / 1P
SATA-600, 2 SATA-300 supported
logo
JMicron Technology Corp...
JMF602 JMICRON-JMF602 Datasheet
96Kb / 3P
SATA II to Flash Controller
logo
Apacer Technology Inc.
SDM5A-22P180D APACER-SDM5A-22P180D Datasheet
1Mb / 4P
SATA DOM (SATA disk of module)
logo
Maxim Integrated Produc...
MAX4951BE MAXIM-MAX4951BE Datasheet
1Mb / 13P
SATA I/II/III Bidirectional Redriver with Input Equalization and Preemphasis
19-5023; Rev 1; 11/10
logo
Advantech Co., Ltd.
SQF-S25520 ADVANTECH-SQF-S25520 Datasheet
637Kb / 1P
SATA II (3.0Gb) 2.5 SSD
30-Jan-2013
SQF-SMS520 ADVANTECH-SQF-SMS520 Datasheet
569Kb / 1P
SATA II (3.0Gb) mSATA
SQF-S25-520 ADVANTECH-SQF-S25-520 Datasheet
623Kb / 1P
SATA II (3.0Gb) 2.5" SSD
30-Jan-2013
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com