Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2530D Datasheet (PDF) - International Rectifier

IRS2530D Datasheet PDF - International Rectifier
Part # IRS2530D
Download  IRS2530D Download
File Size   461.63 Kbytes
Page   23 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description DIM8TM DIMMING BALLAST CONTROL IC

IRS2530D Datasheet (PDF)

Go To PDF Page Download Datasheet
IRS2530D Datasheet PDF - International Rectifier

Part # IRS2530D
Download  IRS2530D Click to download

File Size   461.63 Kbytes
Page   23 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description DIM8TM DIMMING BALLAST CONTROL IC

IRS2530D Datasheet (HTML) - International Rectifier


IRS2530D Product details

Description
This IC takes full advantage of IR’s patented ballast and high-voltage technologies to realize a simple, high-performance dimming ballast solution. A single high-voltage pin senses the half-bridge current and voltage to perform necessary ballast protection functions. The DC dim input voltage reference and the AC lamp current feedback have been coupled together allowing a single pin to be used for dimming. Combining these high-voltage control algorithms together with a simple dimming method in a single 8-pin IC results in a large reduction in component count, an increase in manufacturability and reliability, a reduced design cycle time, while maintaining high dimming ballast system performance

IC Features
• Dimming ballast control plus half-bridge driver
• Closed-loop lamp current dimming control
• Internal non-ZVS protection
• Internal crest factor protection
• Programmable preheat time
• Fixed dead-time (2.0μs typ.)
• Lamp insert auto-restart
• Internal bootstrap MOSFET
• Internal 15.6V zener clamp diode on Vcc
• Micropower startup (250μA)
• Latch immunity and ESD protection

Ballast System Features
• Single chip dimming solution
• Simple lamp current dimming control method
• Single lamp current sensing resistor required
• No half-bridge current-sensing resistor required
• No external protection circuits required (fully internal)
• Flash-free lamp start at all dimming levels
• Large reduction in component count
• Easy to use for fast design cycle time
• Increased manufacturability and reliability

Typical applications
• Linear dimming ballast (down to 10%)
• 3-way dimming ballast
• Multi-level switch dimming ballast




Similar Part No. - IRS2530D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2530D IRF-IRS2530D Datasheet
462Kb / 23P
Dimming ballast control plus half-bridge driver
IRS2530D IRF-IRS2530D_15 Datasheet
462Kb / 23P
Dimming ballast control plus half-bridge driver
More results


Similar Description - IRS2530D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21592 IRF-IR21592 Datasheet
259Kb / 25P
DIMMING BALLAST CONTROL IC
IRPLDIM1U IRF-IRPLDIM1U Datasheet
209Kb / 12P
Dimming Ballast Control IC Design Kit
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
Simple Dimming Ballast Control IC
logo
International Rectifier
IR2159S IRF-IR2159S Datasheet
267Kb / 25P
DIMMING BALLAST CONTROL IC
IR2159 IRF-IR2159 Datasheet
261Kb / 25P
DIMMING BALLAST CONTROL IC
IRPLDIM4E IRF-IRPLDIM4E Datasheet
653Kb / 17P
Miniature Dimmable 26W Ballast Using IRS2530D DIM8TM Control IC
IR21592STRPBF IRF-IR21592STRPBF Datasheet
453Kb / 26P
DIMMING BALLAST CONTROL IC
IR21592PBF IRF-IR21592PBF Datasheet
453Kb / 26P
DIMMING BALLAST CONTROL IC
IR21593PBF IRF-IR21593PBF Datasheet
453Kb / 26P
DIMMING BALLAST CONTROL IC
IR21592 IRF-IR21592_15 Datasheet
453Kb / 26P
DIMMING BALLAST CONTROL IC
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com