Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC3989A Datasheet (PDF) - Transcom, Inc.

TC3989A Datasheet PDF - Transcom, Inc.
Part # TC3989A
Download  TC3989A Download
File Size   31.75 Kbytes
Page   1 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 5.0 GHz 37 dBm Prematched FETs

TC3989A Datasheet (PDF)

Go To PDF Page Download Datasheet
TC3989A Datasheet PDF - Transcom, Inc.

Part # TC3989A
Download  TC3989A Click to download

File Size   31.75 Kbytes
Page   1 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 5.0 GHz 37 dBm Prematched FETs

TC3989A Datasheet (HTML) - Transcom, Inc.




Similar Part No. - TC3989A

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC3989 TRANSCOM-TC3989 Datasheet
77Kb / 3P
5.8 GHz 35.5 dBm Prematched FETs
More results


Similar Description - TC3989A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMC-6440 HP-AMMC-6440 Datasheet
435Kb / 8P
37 - 42 GHz Power Amplifier
logo
Transcom, Inc.
TA008-055-20-24 TRANSCOM-TA008-055-20-24 Datasheet
30Kb / 1P
0.8 - 5.5 GHz 25 dBm Amplifier
TA020-180-28-16 TRANSCOM-TA020-180-28-16 Datasheet
17Kb / 1P
2 -18 GHz 16 dBm Amplifier
TA053-059-41-40 TRANSCOM-TA053-059-41-40 Datasheet
16Kb / 1P
5.3 - 5.9 GHz 40 dBm Amplifier
TC3989 TRANSCOM-TC3989 Datasheet
77Kb / 3P
5.8 GHz 35.5 dBm Prematched FETs
TM040-060-10-37 TRANSCOM-TM040-060-10-37 Datasheet
23Kb / 1P
4 ~ 6 GHz 37 dBm Module
TC3873 TRANSCOM-TC3873 Datasheet
168Kb / 3P
5.25 - 5.875 GHz 3W prematched FETs
logo
TriQuint Semiconductor
TGA4030-SM TRIQUINT-TGA4030-SM Datasheet
434Kb / 17P
17 ??37 GHz MPA/Multiplier
logo
Broadcom Corporation.
AMMC-6440 BOARDCOM-AMMC-6440 Datasheet
226Kb / 8P
37 - 42 GHz Power Amplifier
logo
Analog Devices
ADRF5301 AD-ADRF5301_V01 Datasheet
753Kb / 10P
Silicon, SPDT Switch, 37 GHz to 49 GHz
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com