Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN58X2408FPIE Datasheet (PDF) - Renesas Technology Corp

HN58X2408FPIE Datasheet PDF - Renesas Technology Corp
Part # HN58X2408FPIE
Download  HN58X2408FPIE Download
File Size   160.59 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)

HN58X2408FPIE Datasheet (PDF)

Go To PDF Page Download Datasheet
HN58X2408FPIE Datasheet PDF - Renesas Technology Corp

Part # HN58X2408FPIE
Download  HN58X2408FPIE Click to download

File Size   160.59 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)

HN58X2408FPIE Datasheet (HTML) - Renesas Technology Corp


HN58X2408FPIE Product details

Description

HN58X24xxI series are two-wire serial interface EEPROM (Electrically Erasable and Programmable ROM). They realize high speed, low power consumption and a high level of reliability by employing advanced MNOS memory technology and CMOS process and low voltage circuitry technology. They also have a 32-byte page programming function to make their write operation faster.



Features

• Single supply: 1.8 V to 5.5 V

• Two-wire serial interface (I2CTM serial bus*1)

• Clock frequency: 400 kHz

• Power dissipation:

- Standby: 3 µA (max)

- Active (Read): 1 mA (max)

- Active (Write): 3 mA (max)

• Automatic page write: 32-byte/page

• Write cycle time: 10 ms (2.7 V to 5.5 V)/15ms (1.8 V to 2.7 V)

• Endurance: 105 Cycles (Page write mode)

• Data retention: 10 Years

• Small size packages: TSSOP-8pin , SOP-8pin

• Shipping tape and reel

- TSSOP 8-pin: 3,000 IC/reel

- SOP 8-pin: 2,500 IC/reel

• Temperature range: −40 to +85°C

• Lead free products.



 




Similar Part No. - HN58X2408FPIE

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58X2408FPI HITACHI-HN58X2408FPI Datasheet
71Kb / 22P
Two-wire serial interface 8k EEPROM (1-kword x 8-bit)/16k EEPROM (2-kword x 8-bit)/32k EEPROM (4-kword x 8-bit)/64k EEPROM(8-kword x 8-bit)
logo
Renesas Technology Corp
HN58X2408FPIAG RENESAS-HN58X2408FPIAG Datasheet
145Kb / 21P
Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
HN58X2408FPIAGE RENESAS-HN58X2408FPIAGE Datasheet
145Kb / 21P
Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
More results


Similar Description - HN58X2408FPIE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2408FPIAG RENESAS-HN58X2408FPIAG Datasheet
145Kb / 21P
Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
HN58X2408SI RENESAS-HN58X2408SI Datasheet
151Kb / 19P
Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit) 16k EEPROM (2-kword 횞 8-bit)
HN58X24128I RENESAS-HN58X24128I Datasheet
150Kb / 22P
Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit)
HN58X2432SI RENESAS-HN58X2432SI_05 Datasheet
155Kb / 22P
Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASA00A RENESAS-R1EX24064ASA00A Datasheet
171Kb / 22P
Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASA00I RENESAS-R1EX24064ASA00I Datasheet
171Kb / 22P
Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASAS0I RENESAS-R1EX24064ASAS0I_15 Datasheet
311Kb / 18P
Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX25032ASA00I RENESAS-R1EX25032ASA00I_15 Datasheet
274Kb / 22P
Serial Peripheral Interface 32k EEPROM (4-kword 횞 8-bit) 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASAS0A RENESAS-R1EX24064ASAS0A_15 Datasheet
825Kb / 26P
Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EV58064BXXN RENESAS-R1EV58064BXXN Datasheet
691Kb / 25P
64K EEPROM (8-Kword 횞 8-bit)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com