Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404326FS Datasheet (PDF) - Renesas Technology Corp

HD404326FS Datasheet PDF - Renesas Technology Corp
Part # HD404326FS
Download  HD404326FS Download
File Size   381.94 Kbytes
Page   103 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description microcomputer designed to increase program productivity

HD404326FS Datasheet (PDF)

Go To PDF Page Download Datasheet
HD404326FS Datasheet PDF - Renesas Technology Corp

Part # HD404326FS
Download  HD404326FS Click to download

File Size   381.94 Kbytes
Page   103 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description microcomputer designed to increase program productivity

HD404326FS Datasheet (HTML) - Renesas Technology Corp


HD404326FS Product details

Description

The HD404054 Series and HD404094 Series are HMCS400-series microcomputers designed to increase program productivity with large-capacity memory. Each microcomputer has three timers, one serial interface, comparator, input capture circuit.



Features

• The differences between HD404054 Series and HD404094 Series

• 27 I/O pins and 8 dedicated input pins

• Three timer/counters

• Eight-bit input capture circuit

• Two timer outputs (including two PWM outputs)

• One event counter inputs (including one double-edge function)

• One clock-synchronous 8-bit serial interface

• Comparator (2 channels)

• Built-in oscillators

- Main clock: Ceramic or crystal oscillator (an external clock is also possible)

• Six interrupt sources

- Two by external sources

- Four by internal sources

• Subroutine stack up to 16 levels, including interrupts

• Two low-power dissipation modes

- Standby mode

- Stop mode

• One external input for transition from stop mode to active mode

• Instruction cycle time: 1 µs (fOSC = 4 MHz at 1/4 division ratio)

- 1/4, or 1/32 division ratio can be selected by hardware

• Two operating modes

- MCU mode

- MCU/PROM mode (HD4074054, HD4074094)



 




Similar Part No. - HD404326FS

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD404328 HITACHI-HD404328 Datasheet
2Mb / 87P
4 BIT SINGLE CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404328 RENESAS-HD404328 Datasheet
311Kb / 96P
microcomputer designed to increase program productivity
logo
Hitachi Semiconductor
HD404328FS HITACHI-HD404328FS Datasheet
2Mb / 87P
4 BIT SINGLE CHIP MICROCOMPUTER
HD404328S HITACHI-HD404328S Datasheet
2Mb / 87P
4 BIT SINGLE CHIP MICROCOMPUTER
HD404329 HITACHI-HD404329 Datasheet
2Mb / 87P
4 BIT SINGLE CHIP MICROCOMPUTER
More results


Similar Description - HD404326FS

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD404054 HITACHI-HD404054 Datasheet
395Kb / 101P
HMCS400-series microcomputers designed to increase program productivity with large-capacity memory
logo
Renesas Technology Corp
HD404318 RENESAS-HD404318 Datasheet
305Kb / 68P
microcomputer designed to increase program productivity
HD404328 RENESAS-HD404328 Datasheet
311Kb / 96P
microcomputer designed to increase program productivity
HD404339 RENESAS-HD404339 Datasheet
321Kb / 80P
microcomputer with large-capacity memory designed to
logo
Rochester Electronics
M80C31BH ROCHESTER-M80C31BH Datasheet
601Kb / 9P
CMOS SINGLE - CHIP 8-BIT MICROCOMPUTER 64K program Memory Space
logo
STMicroelectronics
PM0051 STMICROELECTRONICS-PM0051 Datasheet
198Kb / 27P
How to program STM8S and STM8A Flash program memory and data EEPROM
06-Jun-2011
PM0054 STMICROELECTRONICS-PM0054 Datasheet
246Kb / 28P
How to program STM8L and STM8AL Flash program memory and data EEPROM
10-Dec-2012
PM0083 STMICROELECTRONICS-PM0083 Datasheet
411Kb / 13P
How to program STM8T143 OTP options
26-Mar-2013
PM0212 STMICROELECTRONICS-PM0212 Datasheet
161Kb / 22P
How to program the STM8TL5xxx Flash program memory and data EEPROM
10-Apr-2012
logo
Level One
GEP-0520 LVL1-GEP-0520 Datasheet
689Kb / 3P
9K jumbo frames to increase data transfer rates
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com