Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404848TF Datasheet (PDF) - Renesas Technology Corp

HD404848TF Datasheet PDF - Renesas Technology Corp
Part # HD404848TF
Download  HD404848TF Download
File Size   449.24 Kbytes
Page   127 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-Bit Single-Chip Microcomputer

HD404848TF Datasheet (PDF)

Go To PDF Page Download Datasheet
HD404848TF Datasheet PDF - Renesas Technology Corp

Part # HD404848TF
Download  HD404848TF Click to download

File Size   449.24 Kbytes
Page   127 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-Bit Single-Chip Microcomputer

HD404848TF Datasheet (HTML) - Renesas Technology Corp


HD404848TF Product details

Description
The HD404849 series of HMCS400-series microcomputers is designed to increase program productivity and also incorporate large-capacity memory. Each microcomputer has an LCD controller/driver, A/D converter, input capture circuit, 32-kHz oscillator for clock use, and four low-power dissipation modes.

Features
• 35 I/O pins, including nine high-current pins (15 mA, max.), eight pins multiplexed with LCD segment pins, and four pins multiplexed with analog input pins
• Four timer/counters
• Eight-bit input capture circuit
• Three timer outputs (including two PWM outputs)
• Two event counter inputs (including one in which the detection edge is programmable)
• Clock-synchronous 8-bit serial interface
• A/D converter (8 channels × 8 bits)
    - Operation voltage 2.7 V to 6.0 V
• LCD driver (32 segments × 4 commons)
• Built-in oscillators
    - Main clock: Can be driven by ceramic oscillator, crystal oscillator, or external clock.
    - Subclock: 32.768-kHz crystal
• Ten interrupt sources
    - Four by external sources, including two in which the detection edge is programmable
    - Six by internal sources
• Subroutine stack up to 16 levels, including interrupts
• Four low-power dissipation modes
    - Standby mode
    - Stop mode
    - Watch mode
    - Subactive mode
• One external input for transition from stop mode to active mode
• Instruction cycle time: 0.89 µs (fOSC = 4.5 MHz)
• Operation voltage
    - VCC = 2.7 V to 6.0 V (subactive mode: 2.2 V to 6.0 V) (HD404848, HD404849)
    - VCC = 2.7 V to 5.5 V (HD4074849)
• Two operating modes
    - MCU mode (HD404848, HD4048412, HD404849)
    - MCU/PROM mode (HD4074849 only)




Similar Part No. - HD404848TF

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD404848TF HITACHI-HD404848TF Datasheet
471Kb / 125P
4-Bit Single-Chip Microcomputer
More results


Similar Description - HD404848TF

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
4 BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63408 EPSON-S1C63408 Datasheet
170Kb / 3P
4-bit Single Chip Microcomputer
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
4-bit Single Chip Microcomputer
S1C63632 EPSON-S1C63632 Datasheet
129Kb / 2P
4-bit Single Chip Microcomputer
S1C63658 EPSON-S1C63658 Datasheet
152Kb / 3P
4-bit Single Chip Microcomputer
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com