Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37545GFKP Datasheet (PDF) - Renesas Technology Corp

M37545GFKP Datasheet PDF - Renesas Technology Corp
Part # M37545GFKP
Download  M37545GFKP Download
File Size   1007.57 Kbytes
Page   62 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER

M37545GFKP Datasheet (PDF)

Go To PDF Page Download Datasheet
M37545GFKP Datasheet PDF - Renesas Technology Corp

Part # M37545GFKP
Download  M37545GFKP Click to download

File Size   1007.57 Kbytes
Page   62 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER

M37545GFKP Datasheet (HTML) - Renesas Technology Corp


M37545GFKP Product details

DESCRIPTION
The 7545 Group is the 8-bit microcomputer based on the 740 family core technology.
The 7545 Group has an 8-bit timer, power-on reset circuit and the voltage drop detection circuit. Also, Function set ROM is equipped.

FEATURES
• Basic machine-language instructions .................................. 71
• The minimum instruction execution time .................... 2.00 µs
   (at 4 MHz oscillation frequency for the shortest instruction)
• Memory size ROM ........................................ 4K to 60K bytes
                        RAM ............................................ 256, 512 bytes
• Programmable I/O ports ...................................................... 25
• Key-on wakeup input .................................................. 8 inputs
• LED output port...................................................................... 8
• Interrupts.................................................... 7 sources, 7 vectors
• Timers .......................................................................... 8-bit × 3
• Carrier wave generating circuit .......1 channel (8-bit timer × 2)
• Clock generating circuit ........................................Built-in type
   (connect to external ceramic resonator or quartz-crystal oscillator)
• Watchdog timer .........................................................16-bit × 1
• Power-on reset circuit............................................ Built-in type
• Voltage drop detection circuit................................Built-in type
• Power source voltage
   XIN oscillation frequency at ceramic/quartz-crystal oscillation
                          At 4 MHz .......................................... 1.8 to 3.6 V
• Power dissipation .......................................................... 1.8mW
• Operating temperature range .................................−20 to 85 °C

APPLICATION
   Remote control transmit.




Similar Part No. - M37545GFKP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37540E2FP RENESAS-M37540E2FP Datasheet
860Kb / 88P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37540E2FP RENESAS-M37540E2FP Datasheet
4Mb / 366P
8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
M37540E2GP RENESAS-M37540E2GP Datasheet
860Kb / 88P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37540E2GP RENESAS-M37540E2GP Datasheet
4Mb / 366P
8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
M37540E2SP RENESAS-M37540E2SP Datasheet
860Kb / 88P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results


Similar Description - M37545GFKP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com