Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37920S4CGP Datasheet (PDF) - Renesas Technology Corp

M37920S4CGP Datasheet PDF - Renesas Technology Corp
Part # M37920S4CGP
Download  M37920S4CGP Download
File Size   672.95 Kbytes
Page   40 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-BIT CMOS MICROCOMPUTER

M37920S4CGP Datasheet (PDF)

Go To PDF Page Download Datasheet
M37920S4CGP Datasheet PDF - Renesas Technology Corp

Part # M37920S4CGP
Download  M37920S4CGP Click to download

File Size   672.95 Kbytes
Page   40 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-BIT CMOS MICROCOMPUTER

M37920S4CGP Datasheet (HTML) - Renesas Technology Corp


M37920S4CGP Product details

DESCRIPTION
The M37920S4CGP is a single-chip microcomputers designed with high-performance CMOS silicon gate technology. These are housed in 100-pin plastic molded QFP. This microcomputer supports the 7900 Series instruction set, which are enhanced and expanded instruction set and are upper-compatible with the 7700/7751 Series instruction set.

DISTINCTIVE FEATURES
<Microcomputer mode>
• Number of basic machine instructions .................................... 203
• Memory
   RAM .............................................................................2048 bytes
   ROM ................................................................................. External
• Instruction execution time
   The fastest instruction at 20 MHz frequency ........................ 50 ns
• Single power supply .................................................... 5 V ± 0.5 V
• Interrupts ........... 6 external sources, 17 internal sources, 7 levels
• Multi-functional 16-bit timer ................................................... 5 + 3
• Serial I/O (UART or Clock synchronous) ..................................... 2
• 10-bit A-D converter ............................................ 4-channel inputs
• DMA controller ..............................................................4-channels
• DRAM controller
• Real-time output
   ....4 bits × 2 channels, or 6 bits × 1 channel + 2 bits × 1 channel
• 12-bit watchdog timer
• Programmable input/output (ports P2–P9, P12) ....................... 49

APPLICATION
   Telecommunications equipment such as copiers, printers, typewriters, facsimiles, optical disk drives, HDD, mobile radio communication equipment, ISDN terminals
   Control devices for office automation equipment such as persona computers




Similar Part No. - M37920S4CGP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37920S4CGP MITSUBISHI-M37920S4CGP Datasheet
438Kb / 39P
16 BIT CMOS MICROCOMPUTER
More results


Similar Description - M37920S4CGP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37733S4BFP MITSUBISHI-M37733S4BFP Datasheet
919Kb / 36P
16-BIT CMOS MICROCOMPUTER
M37735S4BFP MITSUBISHI-M37735S4BFP Datasheet
935Kb / 36P
16-BIT CMOS MICROCOMPUTER
M37920S4CGP MITSUBISHI-M37920S4CGP Datasheet
438Kb / 39P
16 BIT CMOS MICROCOMPUTER
M37905F8CFP MITSUBISHI-M37905F8CFP Datasheet
362Kb / 34P
16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M37733S4BFP RENESAS-M37733S4BFP Datasheet
839Kb / 37P
16-BIT CMOS MICROCOMPUTER
M37733S4LHP RENESAS-M37733S4LHP Datasheet
828Kb / 37P
16-BIT CMOS MICROCOMPUTER
M37735S4BFP RENESAS-M37735S4BFP Datasheet
855Kb / 37P
16-BIT CMOS MICROCOMPUTER
M37903S4CHP RENESAS-M37903S4CHP Datasheet
192Kb / 11P
16-BIT CMOS MICROCOMPUTER
M37905M4C-XXXFP RENESAS-M37905M4C-XXXFP Datasheet
1Mb / 103P
16-BIT CMOS MICROCOMPUTER
M37906F8CFP RENESAS-M37906F8CFP Datasheet
448Kb / 35P
16-BIT CMOS MICROCOMPUTER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com