Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV2G00A Datasheet (PDF) - Renesas Technology Corp

HD74LV2G00A Datasheet PDF - Renesas Technology Corp
Part # HD74LV2G00A
Download  HD74LV2G00A Download
File Size   81.92 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 2-input NAND Gates

HD74LV2G00A Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74LV2G00A Datasheet PDF - Renesas Technology Corp

Part # HD74LV2G00A
Download  HD74LV2G00A Click to download

File Size   81.92 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 2-input NAND Gates

HD74LV2G00A Datasheet (HTML) - Renesas Technology Corp


HD74LV2G00A Product details

Description
The HD74LV2G00A has dual two–input NAND gates in an 8 pin package. Low voltage and high-speed operation is suitable for the battery powered products (e.g., notebook computers), and the low power consumption extends the battery life.

Features
• The basic gate function is lined up as Renesas uni logic series.
• Supplied on emboss taping for high-speed automatic mounting.
• Electrical characteristics equivalent to the HD74LV00A
    Supply voltage range : 1.65 to 5.5 V
    Operating temperature range : –40 to +85°C
• All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
    All outputs VO (Max.) = 5.5 V (@VCC = 0 V)
• Output current ±6 mA (@VCC = 3.0 V to 3.6 V), ±12 mA (@VCC = 4.5 V to 5.5 V)
• All the logical input has hysteresis voltage for the slow transition.




Similar Part No. - HD74LV2G00A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HD74LV2G00AUSE FAIRCHILD-HD74LV2G00AUSE Datasheet
82Kb / 9P
Dual 2-input NOR Gates
logo
Renesas Technology Corp
HD74LV2G00A RENESAS-HD74LV2G00A_15 Datasheet
106Kb / 11P
Dual 2?밿nput NAND Gates
More results


Similar Description - HD74LV2G00A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5400 NSC-5400 Datasheet
94Kb / 4P
Quad 2-Input NAND Gates
54LS00 NSC-54LS00 Datasheet
120Kb / 6P
Quad 2-Input NAND Gates
DM54L00 NSC-DM54L00 Datasheet
82Kb / 4P
Quad 2-Input NAND Gates
logo
Fairchild Semiconductor
DM7400 FAIRCHILD-DM7400 Datasheet
47Kb / 4P
Quad 2-Input NAND Gates
logo
Renesas Technology Corp
HD74ALVC2G00 RENESAS-HD74ALVC2G00 Datasheet
91Kb / 10P
Dual 2-input NAND Gates
RD74LVC00B RENESAS-RD74LVC00B Datasheet
67Kb / 8P
Quad 2-input NAND Gates
HD74LS00 RENESAS-HD74LS00 Datasheet
65Kb / 6P
Quadruple 2-Input NAND Gates
HD74HC00 RENESAS-HD74HC00 Datasheet
91Kb / 7P
Quad. 2-input NAND Gates
logo
Diodes Incorporated
74AHCT00 DIODES-74AHCT00 Datasheet
288Kb / 8P
QUADRUPLE 2-INPUT NAND GATES
Rev 3
logo
Renesas Technology Corp
HD74ALVC2G00 RENESAS-HD74ALVC2G00_15 Datasheet
110Kb / 12P
Dual 2-input NAND Gates
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com