Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR5AS-12 Datasheet (PDF) - Renesas Technology Corp

CR5AS-12 Datasheet PDF - Renesas Technology Corp
Part # CR5AS-12
Download  CR5AS-12 Download
File Size   81.82 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Thyristor Medium Power Use

CR5AS-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
CR5AS-12 Datasheet PDF - Renesas Technology Corp

Part # CR5AS-12
Download  CR5AS-12 Click to download

File Size   81.82 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Thyristor Medium Power Use

CR5AS-12 Datasheet (HTML) - Renesas Technology Corp


CR5AS-12 Product details

Features
• IT (AV) : 5 A
• VDRM : 600 V
• IGT : 100 µA
• Lead Mounted Type
• Non-Insulated Type
• Glass Passivation Type

Applications
   Switching mode power supply, regulator for autocycle, protective circuit for TV sets, VCRs, and printers, igniter for autocycle, electric tool, strobe flasher, and other general purpose control applications




Similar Part No. - CR5AS-12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR5AS-12 RENESAS-CR5AS-12 Datasheet
105Kb / 8P
Thyristor Medium Power Use
logo
Kersemi Electronic Co.,...
CR5AS-12 KERSEMI-CR5AS-12 Datasheet
1Mb / 7P
Glass Passivation Type
logo
HAOPIN MICROELECTRONICS...
CR5AS-12 HAOPIN-CR5AS-12 Datasheet
527Kb / 6P
Blocking voltage to 600 V
logo
Renesas Technology Corp
CR5AS-12-A1 RENESAS-CR5AS-12-A1 Datasheet
105Kb / 8P
Thyristor Medium Power Use
logo
Kersemi Electronic Co.,...
CR5AS-12-T13 KERSEMI-CR5AS-12-T13 Datasheet
1Mb / 7P
Glass Passivation Type
More results


Similar Description - CR5AS-12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR6KM-12A RENESAS-CR6KM-12A Datasheet
107Kb / 7P
Thyristor Medium Power Use
CR12LM-12B RENESAS-CR12LM-12B Datasheet
85Kb / 7P
Thyristor Medium Power Use
CR8PM-12B RENESAS-CR8PM-12B Datasheet
80Kb / 8P
Thyristor Medium Power Use
CR6PM-12G RENESAS-CR6PM-12G Datasheet
101Kb / 8P
Thyristor Medium Power Use
CR6PM-12B RENESAS-CR6PM-12B_15 Datasheet
84Kb / 8P
Thyristor Medium Power Use
CR8PM-12A RENESAS-CR8PM-12A_15 Datasheet
92Kb / 7P
Thyristor Medium Power Use
CR8PM-12B RENESAS-CR8PM-12B_15 Datasheet
80Kb / 8P
Thyristor Medium Power Use
CR6LM-12B RENESAS-CR6LM-12B_15 Datasheet
84Kb / 8P
Thyristor Medium Power Use
CR12LM-12B RENESAS-CR12LM-12B_15 Datasheet
85Kb / 7P
Thyristor Medium Power Use
CR12CS-16B RENESAS-CR12CS-16B_15 Datasheet
119Kb / 9P
Thyristor Medium Power Use
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com