Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR3PM-14LG Datasheet (PDF) - Renesas Technology Corp

BCR3PM-14LG Datasheet PDF - Renesas Technology Corp
Part # BCR3PM-14LG
Download  BCR3PM-14LG Download

File Size   130.33 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triac Medium Power Use

BCR3PM-14LG Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR3PM-14LG Datasheet PDF - Renesas Technology Corp

Part # BCR3PM-14LG
Download  BCR3PM-14LG Click to download

File Size   130.33 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triac Medium Power Use

BCR3PM-14LG Datasheet (HTML) - Renesas Technology Corp

BCR3PM-14LG Datasheet HTML 1Page - Renesas Technology Corp BCR3PM-14LG Datasheet HTML 2Page - Renesas Technology Corp BCR3PM-14LG Datasheet HTML 3Page - Renesas Technology Corp BCR3PM-14LG Datasheet HTML 4Page - Renesas Technology Corp BCR3PM-14LG Datasheet HTML 5Page - Renesas Technology Corp BCR3PM-14LG Datasheet HTML 6Page - Renesas Technology Corp BCR3PM-14LG Datasheet HTML 7Page - Renesas Technology Corp BCR3PM-14LG Datasheet HTML 8Page - Renesas Technology Corp

BCR3PM-14LG Product details

Features
• IT (RMS) : 3 A
• VDRM : 800 V (Tj = 125°C)
• IFGTI, IRGTI, IRGTIII : 30 mA
• Viso : 2000 V
• The Product guaranteed maximum junction temperature 150°C
• Insulated Type
• Planar Type
• UL Recognized: Yellow Card No. E223904 File No. E80271

Applications
    Washing machine, inversion operation of capacitor motor, and other general controlling devices




Similar Part No. - BCR3PM-14LG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR3PM-14LG RENESAS-BCR3PM-14LG_15 Datasheet
110Kb / 8P
   Triac Medium Power Use
More results


Similar Description - BCR3PM-14LG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR2PM-14LE RENESAS-BCR2PM-14LE Datasheet
87Kb / 7P
   Triac Medium Power Use
BCR16PM-12LG RENESAS-BCR16PM-12LG_07 Datasheet
132Kb / 8P
   Triac Medium Power Use
BCR20KM-12L RENESAS-BCR20KM-12L Datasheet
117Kb / 7P
   Triac Medium Power Use
BCR8KM-20LA RENESAS-BCR8KM-20LA Datasheet
139Kb / 8P
   Triac Medium Power Use
BCR5LM-12LB RENESAS-BCR5LM-12LB_15 Datasheet
117Kb / 8P
   Triac Medium Power Use
BCR5LM-14LD RENESAS-BCR5LM-14LD_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR8PM-20LA RENESAS-BCR8PM-20LA_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR12LM-16LH RENESAS-BCR12LM-16LH_15 Datasheet
124Kb / 8P
   Triac Medium Power Use
BCR16PM-16LH RENESAS-BCR16PM-16LH_15 Datasheet
100Kb / 8P
   Triac Medium Power Use
BCR16RM-12LB RENESAS-BCR16RM-12LB_15 Datasheet
148Kb / 10P
   Triac Medium Power Use
BCR12LM-14LB RENESAS-BCR12LM-14LB_15 Datasheet
111Kb / 8P
   Triac Medium Power Use
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com