Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37272M6H Datasheet (PDF) - Renesas Technology Corp

M37272M6H Datasheet PDF - Renesas Technology Corp
Part # M37272M6H
Download  M37272M6H Download
File Size   1719.66 Kbytes
Page   132 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER

M37272M6H Datasheet (PDF)

Go To PDF Page Download Datasheet
M37272M6H Datasheet PDF - Renesas Technology Corp

Part # M37272M6H
Download  M37272M6H Click to download

File Size   1719.66 Kbytes
Page   132 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER

M37272M6H Datasheet (HTML) - Renesas Technology Corp


M37272M6H Product details

DESCRIPTION
The M37272M6H/M8H/MAH/MFH-XXXSP/FP are single-chip microcomputers designed with CMOS silicon gate technology. They have a OSD, data slicer, and I2C-BUS interface, so it is useful for a channel selection system for TV with a closed caption decoder.

FEATURES
● Number of basic instructions .................................................... 71
● Memory size
   ROM .............. 24K bytes
      (M37272M6H-XXXSP/FP)
      32K bytes
      (M37272M8H-XXXSP/FP, M37272E8SP/FP)
      40K bytes
      (M37272MAH-XXXSP/FP)
      60K bytes
      (M37272MFH-XXXSP/FP, M37272EFSP/FP)
   RAM ............... 1024 bytes
      (M37272M6H-XXXSP/FP)
      1152 bytes
      (M37272M8H-XXXSP/FP, M37272E8SP/FP)
      1472 bytes
      (M37272MAH-XXXSP/FP, M37272MFH- .
      XXXSP/FP, M37272EFSP/FP)
      (*ROM correction memory included)
● Minimum instruction execution time
   ......................................... 0.5 µs (at 8 MHz oscillation frequency)
● Power source voltage ................................................. 5 V ± 10 %
● Subroutine nesting ............................................. 128 levels (Max.)
● Interrupts ....................................................... 17 types, 16 vectors
● 8-bit timers .................................................................................. 6
● Programmable I/O ports (Ports P0, P1, P2, P30, P31) ............. 26
● Input ports (Ports P50, P51) ........................................................ 2
● Output ports (Ports P52–P55) ..................................................... 4
● 12 V withstand ports ................................................................... 6
● LED drive ports ........................................................................... 4
● Serial I/O ............................................................ 8-bit ✕ 1 channel
● Multi-master I2C-BUS interface .............................. 1 (2 systems)
● A-D comparator (6-bit resolution) ................................ 6 channels
● PWM output circuit ......................................................... 8-bit ✕ 6
● Power dissipation
   In high-speed mode ......................................................... 165 mW
   (at VCC = 5.5V, 8 MHz oscillation frequency, OSD on, and Data
   slicer on)
   In low-speed mode ......................................................... 0.33 mW
   (at VCC = 5.5V, 32 kHz oscillation frequency)
●  ROM correction function ................................................ 2 vectors
●  Closed caption data slicer
● OSD function
   Display characters ................................... 32 characters ✕ 2 lines
      (It is possible to display 3 lines or more by software)
   Kinds of characters ........................................................ 254 kinds
   Character display area ............................ CC mode: 16 ✕ 26 dots
      OSD mode: 16 ✕ 20 dots
   Kinds of character sizes ..................................... CC mode: 1 kind
      OSD mode: 8 kinds
   Kinds of character colors .................................. 8 colors (R, G, B)
   Coloring unit ................... character, character background, raster
   Display position
      Horizontal: 128 levels Vertical: 512 levels
   Attribute ........................................................................................
      CC mode: smooth italic, underline, flash, automatic solid space
      OSD mode: border
   Smoth roll-up
   Window function

APPLICATION
   TV with a closed caption decoder




Similar Part No. - M37272M6H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37272M6H MITSUBISHI-M37272M6H Datasheet
1Mb / 131P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
M37272M6H-052FP MITSUBISHI-M37272M6H-052FP Datasheet
1Mb / 131P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
More results


Similar Description - M37272M6H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37270MF MITSUBISHI-M37270MF Datasheet
1Mb / 94P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37271MF MITSUBISHI-M37271MF Datasheet
1Mb / 97P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37274EFSP MITSUBISHI-M37274EFSP Datasheet
1Mb / 147P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
M37274MA MITSUBISHI-M37274MA Datasheet
2Mb / 131P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
M37266ME-XXXSP MITSUBISHI-M37266ME-XXXSP Datasheet
5Mb / 79P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37267 MITSUBISHI-M37267 Datasheet
5Mb / 80P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER WITH CLOSED CAPTION DECODER AND ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37273MFH RENESAS-M37273MFH Datasheet
1Mb / 130P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37281EKSP RENESAS-M37281EKSP Datasheet
1Mb / 172P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M3727GM6 RENESAS-M3727GM6 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M3727GM6 RENESAS-M3727GM6_15 Datasheet
1Mb / 131P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com