Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62399FP Datasheet (PDF) - Renesas Technology Corp

M62399FP Datasheet PDF - Renesas Technology Corp
Part # M62399FP
Download  M62399FP Download
File Size   2052.37 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-BIT 8CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS

M62399FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M62399FP Datasheet PDF - Renesas Technology Corp

Part # M62399FP
Download  M62399FP Click to download

File Size   2052.37 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-BIT 8CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS

M62399FP Datasheet (HTML) - Renesas Technology Corp


M62399FP Product details

DESCRIPTION
The M62399P,FP is an integrated circuit semiconductor of high voltage type CMOS structure with 8 channels of built-in D-A converters with output buffer operational amplifiers. The input is 2-wires serial method is used for the transfer formal of digital data to allow connection with a microcomputer with minimum wiring.
The output buffer operational amplifier employs AB class output circuit with sync and source drive capacity of 2.5mA or more,and it operates in the whole voltage range from VrefU to ground.
And because of connects maximum 8 pieces,it is possible to 64 channels control.

FEATURES
• Digital data transfer format
   I2C-bus serial data method
• Output buffer operational amplifier
   it operates in the whole voltage range from VrefU(0~12V)to ground.
• High output current drive capacity
   ±2.5mA over
• Preparation two high level reference voltage terminal because there are two high level reference voltage terminal,it can set up two kinds differ voltage range.


APPLICATION
   Conversion from digital control data to analog control data for home-use and industrial equipment.
   Signal gain control or automatic adjustment of DISPLAY-MONITOR or CTV.




Similar Part No. - M62399FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62399FP MITSUBISHI-M62399FP Datasheet
88Kb / 5P
8-BIT 8CH I2C-BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
More results


Similar Description - M62399FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62353P MITSUBISHI-M62353P Datasheet
55Kb / 6P
8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62393P MITSUBISHI-M62393P Datasheet
85Kb / 5P
8-BIT 8CH I2C-BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62399P MITSUBISHI-M62399P Datasheet
88Kb / 5P
8-BIT 8CH I2C-BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62353AGP RENESAS-M62353AGP Datasheet
113Kb / 9P
8-bit 8ch D/A Converter with Buffer Amplifiers
M62353P RENESAS-M62353P Datasheet
131Kb / 10P
8-bit 8ch D/A Converter with Buffer Amplifiers
M62393P RENESAS-M62393P Datasheet
119Kb / 7P
8-bit 8ch I2C BUS D/A Converter with Buffer Amplifiers
M62359P RENESAS-M62359P Datasheet
2Mb / 7P
8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
R2A20168NP RENESAS-R2A20168NP Datasheet
473Kb / 10P
8-bit 8ch D/A Converter with Buffer Amplifiers
R2A20168NPSASP RENESAS-R2A20168NPSASP_15 Datasheet
364Kb / 10P
8-bit 8ch D/A Converter with Buffer Amplifiers
M62353P RENESAS-M62353P_15 Datasheet
119Kb / 10P
8-bit 8ch D/A Converter with Buffer Amplifiers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com