Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54128L Datasheet (PDF) - Renesas Technology Corp

M54128L Datasheet PDF - Renesas Technology Corp
Part # M54128L
Download  M54128L Download
File Size   194.75 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description EARTH LEAKAGE CURRENT DETECTOR

M54128L Datasheet (PDF)

Go To PDF Page Download Datasheet
M54128L Datasheet PDF - Renesas Technology Corp

Part # M54128L
Download  M54128L Click to download

File Size   194.75 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description EARTH LEAKAGE CURRENT DETECTOR

M54128L Datasheet (HTML) - Renesas Technology Corp


M54128L Product details

Description

The M54128L/FP is a semiconductor integrated circuit having leakage detection and abnormal voltage detection functions for high-speed earth leakage interruption, and was developed for use in earth leakage breakers.



Features

• Lightning surge protection

   Two-count method adopted

   Improved dead-time performance for lightning impulses

• IEC support: 1.5 count method switching

• High input impedance

   Filter circuit can be configured using external capacitor, resistor

   Improved high-frequency, high harmonic superposition performance

• High input sensitivity: VT=6.5 Vrms

• Abnormal voltage detection (N open) function

   Neutral line open-phase protection in single-phase three-wire designs

   Function halt control (circuit current reduction)

• Low-voltage operation 7 to 12 V (versus 12 to 20 V in previous series)

   Standby: 820 µA standard (VS = 9 V, Ta = 25°C)

   SCR on: 740 µA standard (VS = 9 V, Ta = 25°C)

• Highly stable design

   Circuit designed for minimum characteristic fluctuation with changes in power supply voltage, ambient temperature



Applications

• Earth leakage breaker



 




Similar Part No. - M54128L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54128L MITSUBISHI-M54128L Datasheet
235Kb / 15P
EARTH LEAKAGE CURRENT DETECTOR
More results


Similar Description - M54128L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54124L MITSUBISHI-M54124L Datasheet
162Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
M54125L MITSUBISHI-M54125L Datasheet
146Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
M54133FP MITSUBISHI-M54133FP Datasheet
119Kb / 12P
EARTH LEAKAGE CURRENT DETECTOR
logo
Hynix Semiconductor
GL7101 HYNIX-GL7101 Datasheet
89Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
logo
Renesas Technology Corp
M54125L RENESAS-M54125L Datasheet
262Kb / 11P
Earth Leakage Current Detector
M54134FP RENESAS-M54134FP Datasheet
171Kb / 18P
Earth Leakage Current Detector
logo
Unisonic Technologies
M54123L UTC-M54123L_09 Datasheet
211Kb / 9P
EARTH LEAKAGE CURRENT DETECTOR
M54134 UTC-M54134 Datasheet
222Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
M54134 UTC-M54134_15 Datasheet
239Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
M54134 UTC-M54134_16 Datasheet
273Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com