Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2030 Datasheet (PDF) - California Micro Devices Corp

CM2030 Datasheet PDF - California Micro Devices Corp
Part # CM2030
Download  CM2030 Download
File Size   585.93 Kbytes
Page   14 Pages
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp
Description HDMI Transmitter Port Protection and Interface Device

CM2030 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM2030 Datasheet PDF - California Micro Devices Corp

Part # CM2030
Download  CM2030 Click to download

File Size   585.93 Kbytes
Page   14 Pages
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp
Description HDMI Transmitter Port Protection and Interface Device

CM2030 Datasheet (HTML) - California Micro Devices Corp


CM2030 Product details

Product Description
The CM2030 HDMI Transmitter Port Protection and Interface Device is specifically designed for next generation HDMI Host interface protection.
An integrated package provides all ESD, slew rate limiting on CEC line, level shifting/isolation, overcurrent output protection and backdrive protection for an HDMI port in a single 38-Pin TSSOP package.

Features
• HDMI 1.3 compliant
• Supports thin dielectric and 2-layer boards
• Minimizes TMDS skew with 0.05pF matching
• Long HDMI cable support with integrated I2C accelerator
• Active termination and slew rate limiting for CEC
• Supports direct connection to CEC microcontroller
• Integrated I2C level shifting to CMOS level including low logic level voltages
• Integrated 8kV ESD protection and backdrive protection on all external I/O lines
• Integrated overcurrent output protection per HDMI 1.3
• Multiport I2C support eliminates need for analog mux on DDC lines
• Simplified layout with matched 0.5mm trace spacing

Applications
• PC and consumer electronics
• Set top box, DVD RW, PC, graphics cards




Similar Part No. - CM2030

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM2030 ONSEMI-CM2030 Datasheet
314Kb / 17P
HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 5
CM2030-A0TR ONSEMI-CM2030-A0TR Datasheet
314Kb / 17P
HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 5
logo
List of Unclassifed Man...
CM203026 ETC-CM203026 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CM203060 ETC-CM203060 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
More results


Similar Description - CM2030

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2020 CALMIRCO-CM2020 Datasheet
271Kb / 8P
HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
Texas Instruments
TPD12S521 TI-TPD12S521 Datasheet
621Kb / 8P
SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI-TPD12S521_08 Datasheet
670Kb / 12P
SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI-TPD12S521_09 Datasheet
679Kb / 12P
SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
ON Semiconductor
CM2020-00TR ONSEMI-CM2020-00TR Datasheet
390Kb / 13P
HDMI Transmitter Port Protection and Interface Device
May 2010 ??Rev. 4
CM2020-01TR ONSEMI-CM2020-01TR Datasheet
384Kb / 12P
HDMI Transmitter Port Protection and Interface Device
May 2010 ??Rev. 4
logo
Unisonic Technologies
PPHDMI2020 UTC-PPHDMI2020 Datasheet
252Kb / 6P
HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
Texas Instruments
TPD12S521 TI1-TPD12S521_16 Datasheet
1Mb / 19P
Single-Chip HDMI Transmitter Port Protection and Interface Device
logo
ON Semiconductor
CM2020-01TR ONSEMI-CM2020-01TR_11 Datasheet
310Kb / 9P
HDMI Transmitter Port Protection and Interface Device
April, 2011 ??Rev. 5
CM2020-00TR ONSEMI-CM2020-00TR_11 Datasheet
330Kb / 9P
HDMI Transmitter Port Protection and Interface Device
April, 2011 ??Rev. 5
More results




About California Micro Devices Corp


California Micro Devices Corp (CMD) was a semiconductor company that was headquartered in Milpitas, California, USA. The company specialized in the design and manufacture of protection devices, interface products, and mixed-signal integrated circuits for the consumer, computing, and communications markets.

CMD's products included ESD (Electrostatic Discharge) protection devices, TVS (Transient Voltage Suppression) diodes, and low-capacitance EMI (Electromagnetic Interference) filters. These products were used to protect electronic circuits from damage caused by electrostatic discharge, voltage transients, and electromagnetic interference.

CMD was founded in 1986 and became a publicly-traded company in 1993. In 2012, CMD was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions. Today, many of CMD's products are sold under ON Semiconductor's brand.

Overall, CMD was a trusted and reputable supplier of protection devices and interface products, with a strong reputation for quality and reliability.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com