| Manufacturer | Part # | Datasheet | Description |
 STMicroelectronics |
TDA7296
|
241Kb / 13P |
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Sep-1997 |
|
TDA7296A
|
241Kb / 13P |
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-1996 |
|
TDA7296S
|
248Kb / 11P |
60V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-2000 |
|
TDA7298
|
148Kb / 11P |
28W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
May-1997 |
|
TDA2052
|
4Mb / 14P |
60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
Jan-2003 |
|
TDA7296
|
283Kb / 15P |
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-2005 |
|
TDA2052V
|
4Mb / 14P |
60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
Jan-2003 |
|
TDA-7296
|
291Kb / 15P |
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-2005 |
|
TDA2052H
|
4Mb / 14P |
60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
Jan-2003 |
 Unisonic Technologies |
TDA7269
|
244Kb / 7P |
14W STEREO AMPLIFIER WITH MUTE & STAND-BY
|