Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

36MT10 Datasheet (PDF) - Vishay Siliconix

36MT10 Datasheet PDF - Vishay Siliconix
Part # 36MT10
Download  36MT10 Download
File Size   187.26 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Three Phase Bridge (Power Modules), 25/35 A

36MT10 Datasheet (PDF)

Go To PDF Page Download Datasheet
36MT10 Datasheet PDF - Vishay Siliconix

Part # 36MT10
Download  36MT10 Click to download

File Size   187.26 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Three Phase Bridge (Power Modules), 25/35 A

36MT10 Datasheet (HTML) - Vishay Siliconix


36MT10 Product details

DESCRIPTION

A range of extremely compact, encapsulated three phase bridge rectifiers offering efficient and reliable operation. They are intended for use in general purpose and instrumentation applications.



FEATURES

• Universal, 3 way terminals: push-on, wrap around or solder

• High thermal conductivity package, electrically insulated case

• Center hole fixing

• Excellent power/volume ratio

• UL E300359 approved

• Gold plated terminals solderable using lead (Pb)-free solder; solder alloy Sn/Ag/Cu (SAC305); solder temperature 260 to 275 °C

• RoHS compliant

• Designed and qualified for industrial and consumer level



 




Similar Part No. - 36MT10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
36MT10 IRF-36MT10 Datasheet
75Kb / 6P
THREE PHASE BRIDGE Power Modules
logo
Inchange Semiconductor ...
36MT10 ISC-36MT10 Datasheet
281Kb / 2P
Power Modules
logo
International Rectifier
36MT100 IRF-36MT100 Datasheet
75Kb / 6P
THREE PHASE BRIDGE Power Modules
More results


Similar Description - 36MT10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
26MB20A VISHAY-26MB20A Datasheet
119Kb / 6P
Single Phase Bridge (Power Modules), 25/35 A
27-Jun-08
GBPC25 VISHAY-GBPC25 Datasheet
129Kb / 7P
Single Phase Bridge (Power Modules), 25/35 A
29-Sep-08
26MB140A VISHAY-26MB140A_12 Datasheet
173Kb / 7P
Single Phase Bridge (Power Modules), 25 A/35 A
17-Jun-08
26MT VISHAY-26MT_12 Datasheet
203Kb / 8P
Three Phase Bridge (Power Modules), 25/35 A
03-Nov-08
VS-36MT160 VISHAY-VS-36MT160 Datasheet
208Kb / 9P
Three Phase Bridge (Power Modules), 25/35 A
03-Nov-08
VS-26MT80 VISHAY-VS-26MT80 Datasheet
170Kb / 7P
Three Phase Bridge (Power Modules), 25 A to 35 A
22-Jan-14
VS-36MT120 VISHAY-VS-36MT120 Datasheet
170Kb / 7P
Three Phase Bridge (Power Modules), 25 A to 35 A
22-Jan-14
VS-26MT100 VISHAY-VS-26MT100 Datasheet
170Kb / 7P
Three Phase Bridge (Power Modules), 25 A to 35 A
22-Jan-14
VS-36MT80 VISHAY-VS-36MT80 Datasheet
201Kb / 8P
Three Phase Bridge (Power Modules), 25/35 A
03-Nov-08
VS-26MT40 VISHAY-VS-26MT40 Datasheet
170Kb / 7P
Three Phase Bridge (Power Modules), 25 A to 35 A
22-Jan-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com