Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS902SL Datasheet (PDF) - Sanyo Semicon Device

VS902SL Datasheet PDF - Sanyo Semicon Device
Part # VS902SL
Download  VS902SL Download
File Size   233.12 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low Capacitance TVS Diode General Purpose Protection Device

VS902SL Datasheet (PDF)

Go To PDF Page Download Datasheet
VS902SL Datasheet PDF - Sanyo Semicon Device

Part # VS902SL
Download  VS902SL Click to download

File Size   233.12 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low Capacitance TVS Diode General Purpose Protection Device

VS902SL Datasheet (HTML) - Sanyo Semicon Device


VS902SL Product details

General Purpose Protection Device

Features
• ESD / transient protection of high-speed data lines in 3.3 /5/12V applications.
• Smallest form factor down to 1.0×0.6×0.4mm3.
• Maximum working voltage: -8/+14V.
• Very low capacitance down to 2pF (When used in series).
• Pb-free (RoHS compliant) package.

Applications
• USB 2.0.
• Mobile communication.
• STB, MP3, DVD, DSC, LCD....
• Notebooks and desktop computers, peripherals.




Similar Part No. - VS902SL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
VS901SL SANYO-VS901SL Datasheet
206Kb / 3P
Low Capacitance TVS Diode General Purpose Protection Device
logo
Vishay Siliconix
VS90EPF12L-M3 VISHAY-VS90EPF12L-M3 Datasheet
240Kb / 9P
Fast Soft Recovery Rectifier Diode, 90 A
06-Jul-2018
logo
Rohm
VS90VLNVWM ROHM-VS90VLNVWM Datasheet
1Mb / 10P
Transient Voltage Suppressor
2022/02/08_Rev.001
VS90VLNVWMTF ROHM-VS90VLNVWMTF Datasheet
1Mb / 10P
Transient Voltage Suppressor
2022/02/08_Rev.001
More results


Similar Description - VS902SL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
VS901SL SANYO-VS901SL Datasheet
206Kb / 3P
Low Capacitance TVS Diode General Purpose Protection Device
logo
Rectron Semiconductor
RSRV05-4LC RECTRON-RSRV05-4LC Datasheet
209Kb / 5P
Low Capacitance TVS/ESD Protection Diode
TEP0801LC RECTRON-TEP0801LC Datasheet
168Kb / 5P
Low Capacitance TVS/ESD Protection Diode
TEP0801MLC RECTRON-TEP0801MLC Datasheet
247Kb / 5P
Low Capacitance TVS/ESD Protection Diode
TEP81302LC RECTRON-TEP81302LC Datasheet
723Kb / 6P
Low Capacitance TVS/ESD Protection Diode
TEP0701M RECTRON-TEP0701M Datasheet
167Kb / 5P
Low Capacitance TVS/ESD Protection Diode
TEP2401M RECTRON-TEP2401M Datasheet
511Kb / 5P
Low Capacitance TVS/ESD Protection Diode
TEP2401QM RECTRON-TEP2401QM Datasheet
167Kb / 5P
Low Capacitance TVS/ESD Protection Diode
TEP2401TM RECTRON-TEP2401TM Datasheet
249Kb / 5P
Low Capacitance TVS/ESD Protection Diode
TEP0301M RECTRON-TEP0301M Datasheet
353Kb / 5P
Low Capacitance TVS/ESD Protection Diode
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com