Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50RIA Datasheet (PDF) - Vishay Siliconix

50RIA Datasheet PDF - Vishay Siliconix
Part # 50RIA
Download  50RIA Download
File Size   150.94 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Medium Power Thyristors (Stud Version), 50 A

50RIA Datasheet (PDF)

Go To PDF Page Download Datasheet
50RIA Datasheet PDF - Vishay Siliconix

Part # 50RIA
Download  50RIA Click to download

File Size   150.94 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Medium Power Thyristors (Stud Version), 50 A

50RIA Datasheet (HTML) - Vishay Siliconix




Similar Part No. - 50RIA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
50RIA IRF-50RIA Datasheet
206Kb / 8P
MEDIUM POWER THYRISTORS
logo
New Jersey Semi-Conduct...
50RIA NJSEMI-50RIA Datasheet
326Kb / 4P
MEDIUM POWER THYRISTORS
logo
Naina Semiconductor ltd...
50RIA NAINA-50RIA Datasheet
147Kb / 2P
Phase Control Thyristors, 40A (Stud and Lead Type)
50RIA NAINA-50RIA Datasheet
152Kb / 2P
Phase Control Thyristors, 56A (Stud and Lead Type)
logo
New Jersey Semi-Conduct...
50RIA NJSEMI-50RIA Datasheet
134Kb / 4P
MEDIUM POWER THYRISTORS
More results


Similar Description - 50RIA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10RIA VISHAY-10RIA Datasheet
151Kb / 8P
Medium Power Thyristors (Stud Version), 10 A
06-Jun-08
16RIA VISHAY-16RIA Datasheet
151Kb / 8P
Medium Power Thyristors (Stud Version), 16 A
19-Sep-08
22RIA VISHAY-22RIA Datasheet
152Kb / 8P
Medium Power Thyristors (Stud Version), 22 A
19-Sep-08
25RIA VISHAY-25RIA Datasheet
154Kb / 8P
Medium Power Thyristors (Stud Version), 25 A
19-Sep-08
logo
Nell Semiconductor Co.,...
25PT12SM NELLSEMI-25PT12SM Datasheet
837Kb / 6P
Medium Power Thyristors (Stud Version), 25A
50PT12SM NELLSEMI-50PT12SM Datasheet
1Mb / 7P
Medium Power Thyristors (Stud Version), 50A
logo
Vishay Siliconix
50RIA160MS90 VISHAY-50RIA160MS90 Datasheet
165Kb / 8P
Medium Power Phase Control Thyristors (Stud Version), 50 A
23-Apr-13
VS-50RIA60 VISHAY-VS-50RIA60 Datasheet
202Kb / 8P
Medium Power Phase Control Thyristors (Stud Version), 50 A
11-Mar-14
VS-50RIA VISHAY-VS-50RIA Datasheet
187Kb / 8P
Medium Power Phase Control Thyristors (Stud Version), 50 A
19-Nov-15
VS-50RIA VISHAY-VS-50RIA_V01 Datasheet
191Kb / 8P
Medium Power Phase Control Thyristors (Stud Version), 50 A
21-Sep-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com