Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF634N Datasheet (PDF) - Vishay Siliconix

IRF634N Datasheet PDF - Vishay Siliconix
Part # IRF634N
Download  IRF634N Download
File Size   162.91 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power MOSFET

IRF634N Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF634N Datasheet PDF - Vishay Siliconix

Part # IRF634N
Download  IRF634N Click to download

File Size   162.91 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power MOSFET

IRF634N Datasheet (HTML) - Vishay Siliconix


IRF634N Product details

DESCRIPTION

Fifth generation Power MOSFETs from Vishay utilize advanced processing techniques to achieve extremely low

on-resistance per silicon area.This benefit, combined with the fast switching speed and ruggedized device design that Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.



FEATURES

• Advanced Process Technology

• Dynamic dV/dt Rating

• 175 °C Operating Temperature

• Fast Switching

• Fully Avalanche Rated

• Ease of Paralleling

• Simple Drive Requirements

• Lead (Pb)-free Available




Similar Part No. - IRF634N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF634N IRF-IRF634N Datasheet
301Kb / 11P
Power MOSFET(Vdss=250V, Rds(on)=0.435ohm, Id=8.0A)
IRF634NL IRF-IRF634NL Datasheet
301Kb / 11P
Power MOSFET(Vdss=250V, Rds(on)=0.435ohm, Id=8.0A)
IRF634NLPBF IRF-IRF634NLPBF Datasheet
222Kb / 11P
HEXFET Power MOSFET
IRF634NPBF IRF-IRF634NPBF Datasheet
222Kb / 11P
HEXFET Power MOSFET
IRF634NS IRF-IRF634NS Datasheet
301Kb / 11P
Power MOSFET(Vdss=250V, Rds(on)=0.435ohm, Id=8.0A)
More results


Similar Description - IRF634N

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
IRF734 VISHAY-IRF734 Datasheet
2Mb / 8P
Power MOSFET
19-Jun-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com