Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA0098 Datasheet (PDF) - Sanyo Semicon Device

ENA0098 Datasheet PDF - Sanyo Semicon Device
Part # ENA0098
Download  ENA0098 Download
File Size   212.31 Kbytes
Page   14 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Bi-CMOS LSI Buit-in 80mW Headphone amplifier BTL 10W횞2ch Crass-D Audio Power Amplifier

ENA0098 Datasheet (PDF)

Go To PDF Page Download Datasheet
ENA0098 Datasheet PDF - Sanyo Semicon Device

Part # ENA0098
Download  ENA0098 Click to download

File Size   212.31 Kbytes
Page   14 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Bi-CMOS LSI Buit-in 80mW Headphone amplifier BTL 10W횞2ch Crass-D Audio Power Amplifier

ENA0098 Datasheet (HTML) - Sanyo Semicon Device


ENA0098 Product details

Overview
The LV4901H is a 10W per channel stereo digital power amplifier that takes analog inputs. The LV4901H uses unique SANYO-developed feedback technology to achieve excellent audio quality despite being a class D amplifier and can be used to implement high quality flat display panel (FDP) based systems.

Features
• Supports circuit designs that do not require output LC filters
• BTL output, class D amplifier system
• Unique SANYO-developed feedback technology achieves superb audio quality
• High-efficiency class D amplifier, Low EMI
• Soft muting function reduces impulse noise at power on/off
• Full complement of built-in protection circuits : overcurrent protection, thermal protection, and low power supply voltage protection circuits
• Built in boot strap diode
• Built in Headphone amplifier

Functions
• 10W output (VD = 12V, RL = 8Ω, THD + N = 10%)
• Efficiency : η > 85% (VD = 12V, RL = 8Ω, fin = 1kHz, PO = 10W)
• 80mW Stereo Headphone amplifier (VD = 12V, RL = 16Ω, THD + N = 10%)
• Package HSOP-36




Similar Part No. - ENA0098

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA0006 SANYO-ENA0006 Datasheet
204Kb / 8P
VHF Band RF Modulator (US3, 4ch, JPN1, 2ch, TWN13ch compatible)
ENA0029A SANYO-ENA0029A Datasheet
41Kb / 2P
Amorphous Solar Cell Amorton
ENA0058A SANYO-ENA0058A Datasheet
41Kb / 2P
Amorphous Solar Cell
ENA0076A SANYO-ENA0076A Datasheet
435Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
ENA0076A SANYO-ENA0076A Datasheet
435Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
More results


Similar Description - ENA0098

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8201AK TOSHIBA-TA8201AK Datasheet
413Kb / 8P
BTL AUDIO POWER AMPLIFIER
logo
Sanyo Semicon Device
LV4900H SANYO-LV4900H Datasheet
450Kb / 14P
Bi-CMOS LSI Class-D Audio Power Amplifier BTL 10W횞2ch
LV4900HR SANYO-LV4900HR Datasheet
385Kb / 14P
Bi-CMOS LSI Class-D Audio Power Amplifier BTL 10W횞2ch
LV4910T SANYO-LV4910T Datasheet
87Kb / 7P
Bi-CMOS LSI Class-D Audio Power Amplifier BTL 2W 횞 2ch
LV4991TH SANYO-LV4991TH Datasheet
150Kb / 11P
Bi-CMOS IC For Portable Audio Equipment Monaural BTL Power Amplifier
LV4991TT SANYO-LV4991TT Datasheet
189Kb / 11P
Bi-CMOS IC For Portable Audio Equipment Monaural BTL Power Amplifier
LV4912GP SANYO-LV4912GP Datasheet
133Kb / 11P
Bi-CMOS LSI Crass-D Audio Power Amplifier BTL 2W횞1ch
LV4920H SANYO-LV4920H Datasheet
169Kb / 12P
Bi-CMOS IC Class-D Audio Power Amplifier Power Cell BTL 15W횞2CH, 10W횞2CH
LV49157V SANYO-LV49157V Datasheet
1Mb / 30P
Bi-CMOS LSI Class-D Audio Power Amplifier with built-in Headphone Ampifier BTL 15W 횞 2ch
LV4924VH SANYO-LV4924VH Datasheet
808Kb / 15P
Class-D Audio power Amplifier Power cell BTL 10W횞2ch
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com