Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH4013 Datasheet (PDF) - Sanyo Semicon Device

MCH4013 Datasheet PDF - Sanyo Semicon Device
Part # MCH4013
Download  MCH4013 Download
File Size   45.36 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description NPN Epitaxial Planar Silicon Transistor UHF to X Band Low-Noise Amplifier and OSC Applications

MCH4013 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCH4013 Datasheet PDF - Sanyo Semicon Device

Part # MCH4013
Download  MCH4013 Click to download

File Size   45.36 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description NPN Epitaxial Planar Silicon Transistor UHF to X Band Low-Noise Amplifier and OSC Applications

MCH4013 Datasheet (HTML) - Sanyo Semicon Device


MCH4013 Product details

NPN Epitaxial Planar Silicon Transistor

Features
• High cut-off frequency : fT=22.5GHz typ (VCE=3V)
• Low operating voltage
• High gain : |S21e|2=16dB typ (f=2GHz)




Similar Part No. - MCH4013

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH4013 SANYO-MCH4013 Datasheet
450Kb / 6P
UHF to X Band Low-Noise Amplifier and OSC Applications
MCH4013 SANYO-MCH4013_12 Datasheet
450Kb / 6P
UHF to X Band Low-Noise Amplifier and OSC Applications
More results


Similar Description - MCH4013

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC6023 SANYO-2SC6023 Datasheet
58Kb / 15P
NPN Epitaxial Planar Silicon Transistor UHF to C Band Low-Noise Amplifier and OSC Applications
2SC6025 SANYO-2SC6025 Datasheet
68Kb / 15P
NPN Epitaxial Planar Silicon Transistor UHF to C Band Low-Noise Amplifier and OSC Applications
EC4H08C SANYO-EC4H08C Datasheet
45Kb / 3P
NPN Epitaxial Planar Silicon Transistor UHF to X Band Low-Noise Amplifier and OSC Applications
EC4H09C SANYO-EC4H09C Datasheet
45Kb / 3P
NPN Epitaxial Planar Silicon Transistor UHF to X Band Low-Noise Amplifier and OSC Applications
2SC5375A SANYO-2SC5375A Datasheet
61Kb / 6P
NPN Epitaxial Planar Silicon Transistor VHF to UHF Band OSC, High-Frequency Amplifier Applications
2SC5538A SANYO-2SC5538A Datasheet
54Kb / 5P
NPN Epitaxial Planar Silicon Transistor VHF to UHF Band OSC, High-Frequency Amplifier Applications
2SC5539A SANYO-2SC5539A Datasheet
57Kb / 6P
NPN Epitaxial Planar Silicon Transistor NPN Epitaxial Planar Silicon Transistor VHF to UHF Low-Noise Amplifier and OSC Applications
MCH4009 SANYO-MCH4009 Datasheet
72Kb / 13P
UHF to X Band Low-Noise Amplifier and OSC Applications
MCH4009 SANYO-MCH4009_12 Datasheet
476Kb / 15P
UHF to X Band Low-Noise Amplifier and OSC Applications
MCH4013 SANYO-MCH4013_12 Datasheet
450Kb / 6P
UHF to X Band Low-Noise Amplifier and OSC Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com